Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

928S Datasheet (PDF) - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

928S Datasheet PDF - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
Part # 928S
Download  928S Download
File Size   29.88 Kbytes
Page   1 Pages
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
Description PNP SILICON TRANSISTOR

928S Datasheet (PDF)

Go To PDF Page Download Datasheet
928S Datasheet PDF - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # 928S
Download  928S Click to download

File Size   29.88 Kbytes
Page   1 Pages
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
Description PNP SILICON TRANSISTOR

928S Datasheet (HTML) - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD


928S Product details

928S Transistor Chip Manual

█ Introduction to the chip
    Chip size: 4 inches (100mm)
    Chip code: A080BJ-03
    Chip thickness: 240±20µm
    Die size: 800× 800µm 2
    Welding position size: B pole 124×124µm 2; E pole 221×110µm 2
    Electrode metal: aluminum
    Back metal: gold
    Typical package: KSA928A, H928S




Similar Part No. - 928S

ManufacturerPart #DatasheetDescription
logo
Enercon Technologies Eu...
928 ENERCON-928 Datasheet
790Kb / 2P
Compact, Portable Military Managed Gigabit Ethernet Switch
logo
Abbatron All Rights Res...
928 ABBATRON-928 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
KNIPEX
928101 KNIPEX-928101 Datasheet
100Kb / 2P
Pinza con puntas intercambiables ESD
05.07.2021
928102 KNIPEX-928102 Datasheet
106Kb / 2P
Tweezers with exchangeable tips ESD
05.07.2021
928103 KNIPEX-928103 Datasheet
110Kb / 2P
Tweezers with exchangeable tips ESD
05.07.2021
More results


Similar Description - 928S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS4250 ONSEMI-MPS4250 Datasheet
54Kb / 4P
Transistor(PNP Silicon)
1996
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
BSS44 STMICROELECTRONICS-BSS44_00 Datasheet
47Kb / 4P
SILICON PNP TRANSISTOR
Dec-2000
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
logo
AUK corp
DP500P AUK-DP500P Datasheet
53Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
SBC557 AUK-SBC557_1 Datasheet
97Kb / 3P
PNP Silicon Transistor
SBT2907A AUK-SBT2907A_1 Datasheet
193Kb / 4P
PNP Silicon Transistor
SBT2907AUF AUK-SBT2907AUF_1 Datasheet
169Kb / 3P
PNP Silicon Transistor
SBT2907F AUK-SBT2907F_1 Datasheet
192Kb / 4P
PNP Silicon Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com