Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D142AG-00 Datasheet (PDF) - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

D142AG-00 Datasheet PDF - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
Part # D142AG-00
Download  D142AG-00 Download
File Size   67.58 Kbytes
Page   1 Pages
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
Description NPN SILICON TRANSISTOR

D142AG-00 Datasheet (PDF)

Go To PDF Page Download Datasheet
D142AG-00 Datasheet PDF - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # D142AG-00
Download  D142AG-00 Click to download

File Size   67.58 Kbytes
Page   1 Pages
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
Description NPN SILICON TRANSISTOR

D142AG-00 Datasheet (HTML) - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD


D142AG-00 Product details

13002 transistor chip manual

█ Introduction to the chip
   Chip size: 4 inches (100mm)
   Chip code: D142AG-00
   Chip thickness: 240±20µm
   Die size: 1420× 1420µm 2
   Welding position size: B pole 300×245µm2, E pole 350×245µm2
   Electrode metal: aluminum
   Back metal: silver or gold
   Typical package: KSE13002, HE13002




Similar Part No. - D142AG-00

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
D1427 MOSPEC-D1427 Datasheet
123Kb / 3P
HORIZONTAL DEFLECTION POWER TRANSISTOR
logo
Wing Shing Computer Com...
D1427 WINGS-D1427 Datasheet
60Kb / 1P
Silicon Diffused Power Transistor(GENERAL DESCRIPTION)
More results


Similar Description - D142AG-00

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com