Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P4SMA400A Datasheet (PDF) - Silicon Standard Corp.

P4SMA400A Datasheet PDF - Silicon Standard Corp.
Part # P4SMA400A
Download  P4SMA400A Download
File Size   348.72 Kbytes
Page   4 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description Surface Mount Transient Voltage Suppressors

P4SMA400A Datasheet (PDF)

Go To PDF Page Download Datasheet
P4SMA400A Datasheet PDF - Silicon Standard Corp.

Part # P4SMA400A
Download  P4SMA400A Click to download

File Size   348.72 Kbytes
Page   4 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description Surface Mount Transient Voltage Suppressors

P4SMA400A Datasheet (HTML) - Silicon Standard Corp.


P4SMA400A Product details

Surface Mount Transient Voltage Suppressors

Peak Pulse Power 400W

Breakdown voltage 6.8 to 550V



FEATURES

Plastic package has Underwriters Laboratory Flammability Classification 94V-0

Optimized for LAN protection applications

Ideal for ESD protection of data lines in accordance with IEC 1000-4-2 (IEC801-2)

Ideal for EFT protection of data lines in accordance with IEC1000-4-4 (IEC801-4)

Low profile package with built-in strain relief for surface mounted applications

Glass passivated junction

Low incremental surge resistance, excellent clamping capability

400W peak pulse power capability with a 10/1000us wave-form, repetition rate (duty cycle): 0.01% (300W above 91V)

Very Fast response time

High temperature soldering guaranteed: 250oC/10 seconds at terminals




Similar Part No. - P4SMA400A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P4SMA400A LITTELFUSE-P4SMA400A Datasheet
144Kb / 4P
Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
Diotec Semiconductor
P4SMA400A DIOTEC-P4SMA400A Datasheet
135Kb / 3P
Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
GOOD-ARK Electronics
P4SMA400A GOOD-ARK-P4SMA400A Datasheet
233Kb / 3P
Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
logo
Diotec Semiconductor
P4SMA400A DIOTEC-P4SMA400A Datasheet
78Kb / 2P
Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Vishay Siliconix
P4SMA400A VISHAY-P4SMA400A Datasheet
110Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
21-Oct-08
More results


Similar Description - P4SMA400A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
SMAJ GWSEMI-SMAJ Datasheet
384Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Unisonic Technologies
SMBJXXXXX UTC-SMBJXXXXX Datasheet
232Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMDJXXX UTC-SMDJXXX Datasheet
204Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4SMA DGNJDZ-P4SMA Datasheet
100Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
P6SMB DGNJDZ-P6SMB Datasheet
99Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ DGNJDZ-SMBJ Datasheet
290Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ DGNJDZ-SMCJ Datasheet
268Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com