Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HFH9N90 Datasheet (PDF) - SemiHow Co.,Ltd.

HFH9N90 Datasheet PDF - SemiHow Co.,Ltd.
Part # HFH9N90
Download  HFH9N90 Download
File Size   1180.9 Kbytes
Page   7 Pages
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.
Description 900V N-Channel MOSFET

HFH9N90 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFH9N90 Datasheet PDF - SemiHow Co.,Ltd.

Part # HFH9N90
Download  HFH9N90 Click to download

File Size   1180.9 Kbytes
Page   7 Pages
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.
Description 900V N-Channel MOSFET

HFH9N90 Datasheet (HTML) - SemiHow Co.,Ltd.


HFH9N90 Product details

FEATURES
❐ Originative New Design
❐ Superior Avalanche Rugged Technology
❐ Robust Gate Oxide Technology
❐ Very Low Intrinsic Capacitances
❐ Excellent Switching Characteristics
❐ Unrivalled Gate Charge : 55 nC (Typ.)
❐ Extended Safe Operating Area
❐ Lower RDS(ON) : 1.12 Ω (Typ.) @VGS=10V
❐ 100% Avalanche Tested




Similar Part No. - HFH9N90

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HFH9N90 HUASHAN-HFH9N90 Datasheet
687Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
logo
SemiHow Co.,Ltd.
HFH9N90Z SEMIHOW-HFH9N90Z Datasheet
223Kb / 10P
900V N-Channel MOSFET
More results


Similar Description - HFH9N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
900V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM2N90 KERSEMI-KSM2N90 Datasheet
1Mb / 7P
900V N-CHANNEL MOSFET
KSMB2N90 KERSEMI-KSMB2N90 Datasheet
1Mb / 8P
900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N90Z SEMIHOW-HFH10N90Z Datasheet
250Kb / 10P
900V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR2N90BPG FOSTER-FIR2N90BPG Datasheet
3Mb / 9P
900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
900V N-Channel MOSFET
SLW9N90C MAPLESMI-SLW9N90C Datasheet
173Kb / 6P
900V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com