Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC14554 Datasheet (PDF) - Motorola, Inc

MC14554 Datasheet PDF - Motorola, Inc
Part # MC14554
Download  MC14554 Download
File Size   170.13 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 2-Bit by 2-Bit Parallel Binary Multiplier

MC14554 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC14554 Datasheet PDF - Motorola, Inc

Part # MC14554
Download  MC14554 Click to download

File Size   170.13 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 2-Bit by 2-Bit Parallel Binary Multiplier

MC14554 Datasheet (HTML) - Motorola, Inc


MC14554 Product details

The MC14554B 2 x 2–bit parallel binary multiplier is constructed with complementary MOS (CMOS) enhancement mode devices. The multiplier can perform the multiplication of two binary numbers and simultaneously add two other binary numbers to the product. The MC14554B has two multiplicand inputs (X0 and X1), two multiplier inputs (Y0 and Y1), five cascading or adding inputs (K0, K1, M0, M1, and M2), and five sum and carry outputs (S0, S1, S2, C1 [S3], and C0). The basic multiplier can be expanded into a straightforward m–bit by n–bit parallel multiplier without additional logic elements.

• Diode Protection on All Inputs
• All Outputs Buffered
• Straight–forward m–Bit By n–Bit Expansion
• No Additional Logic Elements Needed for Expansion
• Multiplies and Adds Simultaneously
• Positive Logic Design
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Capable of Driving Two Low–Power TTL Loads or One Low–Power Schottky TTL Load Over the Rated Temperature Range




Similar Part No. - MC14554

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145540 MOTOROLA-MC145540 Datasheet
854Kb / 116P
ADPCM Codec
More results


Similar Description - MC14554

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54284 TI-SN54284 Datasheet
113Kb / 4P
4-BIT BY 4-BIT PARALLEL BINARY MULTIPLIERS
logo
LOGIC Devices Incorpora...
LMU08 LODEV-LMU08 Datasheet
176Kb / 7P
8 x 8-bit Parallel Multiplier
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
16 x 16-bit Parallel Multiplier
logo
National Semiconductor ...
DM93S43 NSC-DM93S43 Datasheet
108Kb / 4P
4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
logo
List of Unclassifed Man...
93S43 ETC1-93S43 Datasheet
304Kb / 3P
4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
9344 ETC1-9344 Datasheet
304Kb / 5P
BINARY (4-BIT BY 2-BIT) FULL MULTIPLIER
logo
Texas Instruments
SN54LS261 TI-SN54LS261 Datasheet
336Kb / 7P
2-BIT BY 4-BIT PARALLEL BINARY MULTIPLIERS
logo
National Semiconductor ...
F100183 NSC-F100183 Datasheet
327Kb / 12P
2 X 8-BIT RECODE MULTIPLIER
logo
Zarlink Semiconductor I...
PDSP16116 ZARLINK-PDSP16116 Datasheet
149Kb / 18P
16 by 16 Bit Complex Multiplier
logo
Texas Instruments
SN54LS681 TI-SN54LS681 Datasheet
327Kb / 9P
4-BIT PARALLEL BINARY ACCUMULATORS
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com