Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K4S640432D Datasheet (PDF) - Samsung semiconductor

K4S640432D Datasheet PDF - Samsung semiconductor
Part # K4S640432D
Download  K4S640432D Download
File Size   128.38 Kbytes
Page   10 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 64Mbit SDRAM 4M x 4Bit x 4 Banks Synchronous DRAM LVTTL

K4S640432D Datasheet (PDF)

Go To PDF Page Download Datasheet
K4S640432D Datasheet PDF - Samsung semiconductor

Part # K4S640432D
Download  K4S640432D Click to download

File Size   128.38 Kbytes
Page   10 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 64Mbit SDRAM 4M x 4Bit x 4 Banks Synchronous DRAM LVTTL

K4S640432D Datasheet (HTML) - Samsung semiconductor


K4S640432D Product details

GENERAL DESCRIPTION
The K4S640432D is 67,108,864 bits synchronous high data rate Dynamic RAM organized as 4 x 4,194,304 words by 4 bits, fabricated with SAMSUNG¢s high performance CMOS technology. Synchronous design allows precise cycle control with the use of system clock I/O transactions are possible on every clock cycle. Range of operating frequencies, programmable burst length and programmable latencies allow the same device to be useful for a variety of high bandwidth, high performance memory system applications.

FEATURES
• JEDEC standard 3.3V power supply
• LVTTL compatible with multiplexed address
• Four banks operation
• MRS cycle with address key programs
   -. CAS latency (2 & 3)
   -. Burst length (1, 2, 4, 8 & Full page)
   -. Burst type (Sequential & Interleave)
• All inputs are sampled at the positive going edge of the system clock
• Burst read single-bit write operation
• DQM for masking
• Auto & self refresh
• 64ms refresh period (4K cycle)




Similar Part No. - K4S640432D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S640432E SAMSUNG-K4S640432E Datasheet
113Kb / 10P
4M x 4Bit x 4 Banks Synchronous DRAM
K4S640432E-L1H SAMSUNG-K4S640432E-L1H Datasheet
113Kb / 10P
4M x 4Bit x 4 Banks Synchronous DRAM
K4S640432E-L1L SAMSUNG-K4S640432E-L1L Datasheet
113Kb / 10P
4M x 4Bit x 4 Banks Synchronous DRAM
K4S640432E-L75 SAMSUNG-K4S640432E-L75 Datasheet
113Kb / 10P
4M x 4Bit x 4 Banks Synchronous DRAM
K4S640432E-TC SAMSUNG-K4S640432E-TC Datasheet
113Kb / 10P
4M x 4Bit x 4 Banks Synchronous DRAM
More results


Similar Description - K4S640432D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S280432A SAMSUNG-K4S280432A Datasheet
109Kb / 10P
128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S560432A SAMSUNG-K4S560432A Datasheet
127Kb / 10P
256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S640832C SAMSUNG-K4S640832C Datasheet
130Kb / 11P
64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S640832D SAMSUNG-K4S640832D Datasheet
128Kb / 10P
64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S640832E SAMSUNG-K4S640832E Datasheet
126Kb / 10P
64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S640832F SAMSUNG-K4S640832F Datasheet
118Kb / 11P
64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S641632D SAMSUNG-K4S641632D Datasheet
115Kb / 11P
64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S641632F SAMSUNG-K4S641632F Datasheet
133Kb / 11P
64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM48S8030D SAMSUNG-KM48S8030D Datasheet
117Kb / 11P
64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S640432F SAMSUNG-K4S640432F Datasheet
140Kb / 11P
4M x 4Bit x 4 Banks Synchronous DRAM LVTTL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com