Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KM681002AI Datasheet (PDF) - Samsung semiconductor

KM681002AI Datasheet PDF - Samsung semiconductor
Part # KM681002AI
Download  KM681002AI Download
File Size   171.52 Kbytes
Page   9 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.

KM681002AI Datasheet (PDF)

Go To PDF Page Download Datasheet
KM681002AI Datasheet PDF - Samsung semiconductor

Part # KM681002AI
Download  KM681002AI Click to download

File Size   171.52 Kbytes
Page   9 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.

KM681002AI Datasheet (HTML) - Samsung semiconductor


KM681002AI Product details

GENERAL DESCRIPTION
The KM681002A is a 1,048,576-bit high-speed Static Random Access Memory organized as 131,072 words by 8 bits. The KM681002A uses 8 common input and output lines and has an output enable pin which operates faster than address access time at read cycle. The device is fabricated using Samsung¢s advanced CMOS process and designed for high-speed circuit technology. It is particularly well suited for use in high-density high-speed system applications. The KM681002A is packaged in a 400mil 32-pin plastic SOJ or TSOP2 forward.

FEATURES
• Fast Access Time 12, 15, 20ns(Max.)
• Low Power Dissipation
    Standby (TTL) : 25mA(Max.) (CMOS) : 8mA(Max.)
    Operating KM681002A - 12 : 170mA(Max.) KM681002A - 15 : 165mA(Max.) KM681002A - 20 : 160mA(Max.)
• Single 5.0V±10% Power Supply
• TTL Compatible Inputs and Outputs
• I/O Compatible with 3.3V Device
• Fully Static Operation
    - No Clock or Refresh required
• Three State Outputs
• Center Power/Ground Pin Configuration
• Standard Pin Configuration
    KM681002AJ : 32-SOJ-400
    KM681002AT: 32-TSOP2-400F




Similar Part No. - KM681002AI

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681002B SAMSUNG-KM681002B Datasheet
171Kb / 8P
128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002B-10 SAMSUNG-KM681002B-10 Datasheet
171Kb / 8P
128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002B-12 SAMSUNG-KM681002B-12 Datasheet
171Kb / 8P
128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002B-8 SAMSUNG-KM681002B-8 Datasheet
171Kb / 8P
128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002BI-10 SAMSUNG-KM681002BI-10 Datasheet
171Kb / 8P
128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
More results


Similar Description - KM681002AI

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1008C1A- SAMSUNG-K6R1008C1A- Datasheet
168Kb / 8P
128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1B- SAMSUNG-K6R1008C1B- Datasheet
169Kb / 8P
128Kx8 Bit High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1C- SAMSUNG-K6R1008C1C- Datasheet
131Kb / 9P
128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
KM681002B SAMSUNG-KM681002B Datasheet
171Kb / 8P
128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002C SAMSUNG-KM681002C Datasheet
199Kb / 9P
128Kx8 Bit High-Speed CMOS Static RAM5V Operating. Operated at Commercial and Industrial Temperature Ranges.
KM68257C SAMSUNG-KM68257C Datasheet
190Kb / 10P
32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range.
KM684002 SAMSUNG-KM684002 Datasheet
149Kb / 9P
512Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial, Extended and Industrial Temperature Range.
K6R1008V1B SAMSUNG-K6R1008V1B Datasheet
184Kb / 9P
128Kx8 Bit High Speed Static RAM(3.3V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges
KM641001A SAMSUNG-KM641001A Datasheet
127Kb / 8P
256Kx 4 High Speed Static RAM(5V Operating), Evolutionary Pin Out Operated at Commercial Temperature Range
KM641003A SAMSUNG-KM641003A Datasheet
123Kb / 8P
256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out Operated at Commercial and Industrial Temperature Range
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com