Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6439 Datasheet (PDF) - Intersil Corporation

ISL6439 Datasheet PDF - Intersil Corporation
Part # ISL6439
Download  ISL6439 Download
File Size   296.06 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Sync Buck PWM Controller for Broadband Gateway Applications

ISL6439 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6439 Datasheet PDF - Intersil Corporation

Part # ISL6439
Download  ISL6439 Click to download

File Size   296.06 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Sync Buck PWM Controller for Broadband Gateway Applications

ISL6439 Datasheet (HTML) - Intersil Corporation


ISL6439 Product details

Single Sync Buck PWM Controller for Broadband Gateway Applications

The ISL6439 makes easy work out of implementing a complete control and protection scheme for a DC-DC stepdown converter. Designed to drive N-Channel MOSFETs in a synchronous buck topology, the ISL6439 integrates the control, output adjustment, monitoring and protection functions into a single package.

Features
• Operates from 3.3V to 5V Input
• 0.8V to VIN Output Range
    - 0.8V Internal Reference
    - ±1.5% Over Load, Line Voltage and Temperature
• Drives N-Channel MOSFETs
• Simple Single-Loop Control Design
    - Voltage-Mode PWM Control
• Fast Transient Response
    - High-Bandwidth Error Amplifier
    - Full 0% to 100% Duty Cycle
• Lossless, Programmable Overcurrent Protection
    - Uses Upper MOSFET’s rDS(on)
• Converter can Source and Sink Current
• Small Converter Size
    - Internal Fixed Frequency Oscillator
        - ISL6439: 300kHz
        - ISL6439A: 600kHz
• Internal Soft-Start
• 14 Pin SOIC or 16 Lead 5x5 QFN
• QFN Package:
    - Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat
        No Lead - Package Outline
    - Near Chip Scale Package footprint, which improves
        PCB efficiency and has a thinner profile
• Pb-free available

Applications
• Cable Modems, Set Top Boxes, and DSL Modems
• DSP and Core Communications Processor Supplies
• Memory Supplies
• Personal Computer Peripherals
• Industrial Power Supplies
• 3.3V-Input DC-DC Regulators
• Low-Voltage Distributed Power Supplies




Similar Part No. - ISL6439

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6439 RENESAS-ISL6439 Datasheet
450Kb / 16P
Single Sync Buck PWM Controller for Broadband Gateway Applications
September 15, 2015
ISL6439AIBZ RENESAS-ISL6439AIBZ Datasheet
450Kb / 16P
Single Sync Buck PWM Controller for Broadband Gateway Applications
September 15, 2015
ISL6439AIRZ RENESAS-ISL6439AIRZ Datasheet
450Kb / 16P
Single Sync Buck PWM Controller for Broadband Gateway Applications
September 15, 2015
ISL6439CBZ RENESAS-ISL6439CBZ Datasheet
450Kb / 16P
Single Sync Buck PWM Controller for Broadband Gateway Applications
September 15, 2015
ISL6439EVAL1 RENESAS-ISL6439EVAL1 Datasheet
450Kb / 16P
Single Sync Buck PWM Controller for Broadband Gateway Applications
September 15, 2015
More results


Similar Description - ISL6439

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6430 INTERSIL-ISL6430 Datasheet
400Kb / 12P
Single Sync Buck PWM Controller for Broadband Gateway Applications
July 2003
ISL6431A INTERSIL-ISL6431A Datasheet
215Kb / 10P
Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
October 2002
ISL6432 INTERSIL-ISL6432 Datasheet
276Kb / 12P
PWM and Triple Linear Power Controller for Home Gateway Applications
June 2001
ISL6444 INTERSIL-ISL6444 Datasheet
440Kb / 18P
Dual PWM Controller with DDR Memory Option for Gateway Applications
May 2002
ISL6440A INTERSIL-ISL6440A Datasheet
749Kb / 16P
Advanced PWM and Triple Linear Power Controller for Gateway Applications
October 2001
ISL6444 INTERSIL-ISL6444_07 Datasheet
381Kb / 19P
Dual PWM Controller with DDR Memory Option for Gateway Applications
April 12, 2007
logo
Renesas Technology Corp
ISL6432 RENESAS-ISL6432 Datasheet
685Kb / 12P
PWM and Triple Linear Power Controller for Home Gateway Applications
ISL6444 RENESAS-ISL6444 Datasheet
944Kb / 19P
Dual PWM Controller with DDR Memory Option for Gateway Applications
ISL6431A RENESAS-ISL6431A Datasheet
614Kb / 10P
Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
Jul 18, 2002
ISL6439 RENESAS-ISL6439 Datasheet
450Kb / 16P
Single Sync Buck PWM Controller for Broadband Gateway Applications
September 15, 2015
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com