Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXI-2585 Datasheet (PDF) - National Instruments Corporation

PXI-2585 Datasheet PDF - National Instruments Corporation
Part # PXI-2585
Download  PXI-2585 Download
File Size   205.87 Kbytes
Page   3 Pages
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation
Description 10-Channel, 12 A SPST (Form A) Relays/Multiplexer

PXI-2585 Datasheet (PDF)

Go To PDF Page Download Datasheet
PXI-2585 Datasheet PDF - National Instruments Corporation

Part # PXI-2585
Download  PXI-2585 Click to download

File Size   205.87 Kbytes
Page   3 Pages
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation
Description 10-Channel, 12 A SPST (Form A) Relays/Multiplexer

PXI-2585 Datasheet (HTML) - National Instruments Corporation




Similar Part No. - PXI-2585

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-2584 NI-PXI-2584 Datasheet
550Kb / 4P
Dual 6x1 1-wire, 12x1 1-wire,6x1 2-wire, interleaved 11x1 2-wire multiplexer configuration
More results


Similar Description - PXI-2585

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1526A VISHAY-LH1526A Datasheet
167Kb / 8P
Dual 1 Form A Solid-State Relays
26-Oct-04
logo
Infineon Technologies A...
LH1525AT INFINEON-LH1525AT Datasheet
187Kb / 7P
1 Form A Solid-State Relays
March 21, 2001-14
LH1526AB INFINEON-LH1526AB Datasheet
179Kb / 6P
Dual 1 Form A Solid-State Relays
March 26, 2000-17
logo
National Instruments Co...
PXI-2564 NI-PXI-2564 Datasheet
132Kb / 3P
16-Channel, 5 A SPST (Form A) Relays
logo
Omron Electronics LLC
G6C-2114P-US-DC5 OMRON-G6C-2114P-US-DC5 Datasheet
594Kb / 12P
SPST-NO Type Breaks 10-A Loads; SPST-NO SPST-NC Breaks 8-A Load
logo
Panasonic Semiconductor
ALQ112 PANASONIC-ALQ112 Datasheet
92Kb / 6P
1 Form A/1 Form C 10A Small power relays
logo
Keysight Technologies
E1442A KEYSIGHT-E1442A Datasheet
413Kb / 7P
64-Channel Form C or Form A Switch
logo
PHOENIX CONTACT
3200331 PHOENIX-3200331 Datasheet
73Kb / 3P
A 10 -12
logo
Standex Electronics, In...
4305180075 STANDEX-4305180075 Datasheet
125Kb / 1P
REED RELAY 1 FORM A SPST-NO, 5V SIL
Version: 04
8824185100 STANDEX-8824185100 Datasheet
79Kb / 2P
Reed Relays REED RELAY 1 FORM A SPST-NO, 24V
Version: 01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com