Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEA1738FT Datasheet (PDF) - NXP Semiconductors

TEA1738FT Datasheet PDF - NXP Semiconductors
Part # TEA1738FT
Download  TEA1738FT Download
File Size   487.21 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description GreenChip SMPS control IC

TEA1738FT Datasheet (PDF)

Go To PDF Page Download Datasheet
TEA1738FT Datasheet PDF - NXP Semiconductors

Part # TEA1738FT
Download  TEA1738FT Click to download

File Size   487.21 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description GreenChip SMPS control IC

TEA1738FT Datasheet (HTML) - NXP Semiconductors


TEA1738FT Product details

General description

The TEA1738FT is a low cost Switched Mode Power Supply (SMPS) controller IC intended for flyback topologies. It operates in peak current and frequency control mode. Frequency jitter has been implemented to reduce ElectroMagnetic Interference (EMI). Slope compensation is integrated for Continuous Conduction Mode (CCM) operation. The TEA1738FT IC includes OverPower Protection (OPP). This enables the controller to operate under overpower situations for a limited amount of time. Two pins, VINSENSE and PROTECT, are reserved for protection purposes. Input UnderVoltage Protection (UVP), ouput OverVoltage Protection (OVP) and OverTemperature Protection (OTP) can be implemented using a minimal number of external components.



Features

SMPS controller IC enabling low-cost applications

Large input voltage range (12 V to 30 V)

Integrated OverVoltage Protection on pin VCC

Very low supply current during start-up and restart (10 A typical)

Low start-up voltage (13.2 V typical)

Low supply current during normal operation (0.55 mA typical no load)

Overpower or high/low line compensation

Adjustable overpower time-out

Adjustable overpower restart timer

Fixed switching frequency with frequency jitter to reduce EMI

Frequency reduction at medium power operation to maintain high efficiency

Frequency reduction with fixed minimum peak current at low power operation tomaintain high efficiency at low output power levels

Frequency increase at peak power operation

Slope compensation for CCM operation

Low and adjustable OverCurrent Protection (OCP) trip level

Adjustable soft start

Two protection inputs (e.g. for input UVP and OTP)

IC overtemperature protection



Applications

All applications requiring efficient and cost-effective power supply solutions up to 75 W.




Similar Part No. - TEA1738FT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1738GT NXP-TEA1738GT Datasheet
208Kb / 20P
GreenChip SMPS control IC
Rev. 1-2 September 2011
TEA1738LT NXP-TEA1738LT Datasheet
186Kb / 21P
GreenChip SMPS control IC Adjustable overpower time-out
Rev. 1-31 December 2010
TEA1738LT NXP-TEA1738LT Datasheet
218Kb / 21P
GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1738T NXP-TEA1738T Datasheet
186Kb / 21P
GreenChip SMPS control IC Adjustable overpower time-out
Rev. 1-31 December 2010
TEA1738T NXP-TEA1738T Datasheet
218Kb / 21P
GreenChip SMPS control IC
Rev. 2-14 January 2011
More results


Similar Description - TEA1738FT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
GreenChip SMPS control IC
Rev. 1 - 6 March 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com