Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8505-01 Datasheet (PDF) - Harwin Plc

H8505-01 Datasheet PDF - Harwin Plc
Part # H8505-01
Download  H8505-01 Download
File Size   79.92 Kbytes
Page   1 Pages
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc
Description 0.8mm SOCKET ASSEMBLY

H8505-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
H8505-01 Datasheet PDF - Harwin Plc

Part # H8505-01
Download  H8505-01 Click to download

File Size   79.92 Kbytes
Page   1 Pages
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc
Description 0.8mm SOCKET ASSEMBLY

H8505-01 Datasheet (HTML) - Harwin Plc




Similar Part No. - H8505-01

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
H850 GILWAY-H850 Datasheet
657Kb / 2P
5.3mm Base Lampholders
logo
Hamamatsu Corporation
H8500 HAMAMATSU-H8500 Datasheet
177Kb / 4P
FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8500B HAMAMATSU-H8500B Datasheet
177Kb / 4P
FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
logo
List of Unclassifed Man...
H8500PO ETC2-H8500PO Datasheet
858Kb / 2P
8500 Rocker Switches - Miniature
H8500VB ETC2-H8500VB Datasheet
858Kb / 2P
8500 Rocker Switches - Miniature
More results


Similar Description - H8505-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SX6E-144S-08SH ETC1-SX6E-144S-08SH Datasheet
182Kb / 7P
0.8mm Pitch 4mm Mounting Height S.O. DIMM Socket
logo
Harwin Plc
H8501-01 HARWIN-H8501-01 Datasheet
80Kb / 1P
0.8mm SOCKET ASSEMBLY
H8502-01 HARWIN-H8502-01 Datasheet
81Kb / 1P
0.8mm SOCKET ASSEMBLY0.8mm SOCKET ASSEMBLY
logo
Tyco Electronics
1367073 MACOM-1367073 Datasheet
279Kb / 2P
PT CONNECTOR ASSEMBLY, 20 POSITION, SFP, RTANG, 0.8MM
2-1571994-0 MACOM-2-1571994-0 Datasheet
92Kb / 1P
ASSEMBLY SOCKET
390322-1 MACOM-390322-1 Datasheet
163Kb / 2P
S.O.DIMM SOCKET ASSY, 0.8mm PITCH
390112-1 MACOM-390112-1 Datasheet
378Kb / 2P
DIMM SOCKET ASSY, 0.8mm, 3.3V 144 POSITION
logo
FCI connector
10062086 FCI-CONNECTOR-10062086 Datasheet
335Kb / 4P
SO DIMM SOCKET, P=0.8mm 144 POSITION, STD PROFILE
logo
Samtec, Inc
ERF8-060-05.0-S-DV-K-TR SAMTEC-ERF8-060-05.0-S-DV-K-TR Datasheet
655Kb / 6P
0.8MM EDGE RATE SOCKET ASSEMBLY
logo
Harwin Plc
H8504-01 HARWIN-H8504-01 Datasheet
79Kb / 1P
0.8mm SOCKET ASSEMBLY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com