Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXGH36N60A3 Datasheet (PDF) - IXYS Corporation

IXGH36N60A3 Datasheet PDF - IXYS Corporation
Part # IXGH36N60A3
Download  IXGH36N60A3 Download
File Size   227.76 Kbytes
Page   6 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description GenX3 600V IGBT

IXGH36N60A3 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXGH36N60A3 Datasheet PDF - IXYS Corporation

Part # IXGH36N60A3
Download  IXGH36N60A3 Click to download

File Size   227.76 Kbytes
Page   6 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description GenX3 600V IGBT

IXGH36N60A3 Datasheet (HTML) - IXYS Corporation


IXGH36N60A3 Product details

OVERVIEW
IXYS extends its GenX3™ insulated gate bipolar transistor (IGBT) product line to 600 volts. These new IGBTs are manufactured using IXYS’ state-of-the-art GenX3™ IGBT  process  and  utilize  IXYS’  advanced  Punch-Though  (PT)  technology,  tailored to provide higher surge current capabilities, lower saturation voltages, and lower switching losses.

To accommodate optimum part selection, designers have a choice in selecting between three sub-classes denoted A3, B3, and C3. These classifications allow designers to “dial in” the best compromise between static (conduction) and dynamic (switching) losses, improving over-all system efficiency in a variety of power conversion applications by balancing critical requirements such as switching frequency, efficiency, and cost structure. The A3-Class are optimized for low saturation voltage V(sat) and are well suited for applications requiring switching frequencies up to 5kHz. Similarly, the B3-Class offers low saturation voltages, but is optimized to accommodate applications that require “medium speed” switching operation from 5kHz to 40kHz. The C3-Class is optimized for “high speed” switching operation from 40kHz to 100kHz and resonant switching operation of up to 400kHz.




Similar Part No. - IXGH36N60A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH36N60A3 IXYS-IXGH36N60A3 Datasheet
839Kb / 4P
600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
IXGH36N60A3D4 IXYS-IXGH36N60A3D4 Datasheet
204Kb / 7P
GenX3 600V IGBT with Diode
IXGH36N60A3D4 IXYS-IXGH36N60A3D4 Datasheet
839Kb / 4P
600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
More results


Similar Description - IXGH36N60A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA30N60C3 IXYS-IXGA30N60C3 Datasheet
281Kb / 6P
GenX3 600V IGBT
IXGA48N60A3 IXYS-IXGA48N60A3 Datasheet
228Kb / 6P
GenX3 600V IGBT
IXGA48N60C3 IXYS-IXGA48N60C3 Datasheet
229Kb / 6P
GenX3 600V IGBT
IXGB200N60B3 IXYS-IXGB200N60B3 Datasheet
204Kb / 6P
GenX3 600V IGBT
IXGH56N60A3 IXYS-IXGH56N60A3 Datasheet
183Kb / 6P
GenX3 600V IGBT
IXGH56N60B3 IXYS-IXGH56N60B3 Datasheet
187Kb / 6P
GenX3 600V IGBT
IXGH56N60B3D1 IXYS-IXGH56N60B3D1 Datasheet
206Kb / 7P
GenX3 600V IGBT
IXGH60N60C3 IXYS-IXGH60N60C3 Datasheet
171Kb / 6P
GenX3 600V IGBT
IXGH64N60A3 IXYS-IXGH64N60A3 Datasheet
200Kb / 6P
GenX3 600V IGBT
IXGH90N60B3 IXYS-IXGH90N60B3 Datasheet
180Kb / 6P
GenX3 600V IGBT
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com