Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UR8HC007-0A4 Datasheet (PDF) - Semtech Corporation

UR8HC007-0A4 Datasheet PDF - Semtech Corporation
Part # UR8HC007-0A4
Download  UR8HC007-0A4 Download
File Size   426.31 Kbytes
Page   20 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Zero-PowerTM Input Device and Power Management IC

UR8HC007-0A4 Datasheet (PDF)

Go To PDF Page Download Datasheet
UR8HC007-0A4 Datasheet PDF - Semtech Corporation

Part # UR8HC007-0A4
Download  UR8HC007-0A4 Click to download

File Size   426.31 Kbytes
Page   20 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Zero-PowerTM Input Device and Power Management IC

UR8HC007-0A4 Datasheet (HTML) - Semtech Corporation


UR8HC007-0A4 Product details

DESCRIPTION
The JunoTM A4 is a member of a series of input device and power management companion ICs for RISC-based portable systems. On a single IC, the JunoTM A4 integrates control of any 4-wire or 8-wire resistive touch screen, keyboard scanning, unique power management capabilities, a direct PS/2 port and plenty of General Purpose Input / Output (GPIO).

FEATURES
• Typically consumes less than 1µA
• Scans an 8 x 16 keyboard matrix that supports Japanese, English and European keyboards
• Interfaces any four-wire or eightwire resistive touch screen
• Operates continuously between 3 Volts and 5 Volts
• Offers unique power management capabilities that work in harmony with Windows® CE power modes
• Always runs in "Stop" mode without data or event loss
• Provides a direct Zero-PowerTM PS/2 port for the hot-plug connection of an external keyboard or mouse
• Uses proprietary circuitry, so “Stop” mode is entered even when PS/2 device is connected & active
• GPIO pins provide interrupt at both falling and rising edge of signals, ideal for lid functions, power, ring indicators, docking signals, battery measurement, etc.
• Has additional GPIO available for LEDs, switches, etc.
• Offers internal control of LCD brightness/contrast, audio, etc. as well as four 10-bit A/D channels for power management monitoring
• Provides programmable features that allow for maximum design differentiation without customization
• Cost-effective, reducing overall system costs by integrating features that would typically require multiple components
• Available in 80-pin 13 x 13 mm, 1.7mm high package to accommodate slim designs

APPLICATIONS
• Jupiter-class devices
• Professional H/PCs
• H/PCs
• Web Phones, G3 Terminals




Similar Part No. - UR8HC007-0A4

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR8HC007-001 SEMTECH-UR8HC007-001 Datasheet
149Kb / 18P
Input Device and Power Management Companion IC for Jupiter Devices
UR8HC007-001-FQ SEMTECH-UR8HC007-001-FQ Datasheet
149Kb / 18P
Input Device and Power Management Companion IC for Jupiter Devices
UR8HC007-004 SEMTECH-UR8HC007-004 Datasheet
152Kb / 20P
Zero-PowerTM Input Device and Power Management IC
UR8HC007-004-FQ SEMTECH-UR8HC007-004-FQ Datasheet
152Kb / 20P
Zero-PowerTM Input Device and Power Management IC
More results


Similar Description - UR8HC007-0A4

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR5HCFJL SEMTECH-UR5HCFJL Datasheet
211Kb / 20P
Zero-PowerTM Keyboard Encoder for Portable Systems
UR5HCSPI-06 SEMTECH-UR5HCSPI-06 Datasheet
142Kb / 20P
Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs
UR5HCSPI-FB SEMTECH-UR5HCSPI-FB Datasheet
126Kb / 20P
Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs
UR8HC007-001 SEMTECH-UR8HC007-001 Datasheet
149Kb / 18P
Input Device and Power Management Companion IC for Jupiter Devices
UR8HC007-004 SEMTECH-UR8HC007-004 Datasheet
152Kb / 20P
Zero-PowerTM Input Device and Power Management IC
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
POWER SUPPLY AND BATTERY MANAGEMENT IC
logo
Richtek Technology Corp...
RT9912A RICHTEK-RT9912A Datasheet
233Kb / 14P
Multi-Channel Power Management IC for Portable Device
logo
Texas Instruments
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
Power- and Battery-Management IC
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
System Power Management and Protection IC
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com