Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMER55-KZ Datasheet (PDF) - AIMTEC

AMER55-KZ Datasheet PDF - AIMTEC
Part # AMER55-KZ
Download  AMER55-KZ Download
File Size   251.31 Kbytes
Page   2 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description up to 1440mA | AC-DC LED driver

AMER55-KZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AMER55-KZ Datasheet PDF - AIMTEC

Part # AMER55-KZ
Download  AMER55-KZ Click to download

File Size   251.31 Kbytes
Page   2 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description up to 1440mA | AC-DC LED driver

AMER55-KZ Datasheet (HTML) - AIMTEC




Similar Part No. - AMER55-KZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER50N-42105Z AIMTEC-AMER50N-42105Z Datasheet
517Kb / 5P
up to 1200mA | AC-DC LED driver
AMER50N-42120Z AIMTEC-AMER50N-42120Z Datasheet
517Kb / 5P
up to 1200mA | AC-DC LED driver
AMER50N-Z AIMTEC-AMER50N-Z Datasheet
517Kb / 5P
up to 1200mA | AC-DC LED driver
AMER54-30180KZ-C1 AIMTEC-AMER54-30180KZ-C1 Datasheet
250Kb / 2P
up to2000mA | AC-DC LED driver
AMER54-KZ AIMTEC-AMER54-KZ Datasheet
250Kb / 2P
up to2000mA | AC-DC LED driver
More results


Similar Description - AMER55-KZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ_16 Datasheet
212Kb / 4P
up to 1A | AC-DC LED Driver
AMER60N-42130Z AIMTEC-AMER60N-42130Z Datasheet
819Kb / 7P
up to 1600mA | AC-DC LED driver
AMEPR50N-42100Z AIMTEC-AMEPR50N-42100Z Datasheet
549Kb / 6P
up to 1150mA | AC-DC LED driver
AMEQR50N-50100Z AIMTEC-AMEQR50N-50100Z Datasheet
418Kb / 4P
up to 1000mA | AC-DC LED driver
AMEPR30D-5070AZ-U AIMTEC-AMEPR30D-5070AZ-U Datasheet
505Kb / 5P
up to 2A | AC-DC LED driver
AMER160-48320Z AIMTEC-AMER160-48320Z Datasheet
436Kb / 6P
up to 3400mA | AC-DC LED driver
AMEPR50N-Z AIMTEC-AMEPR50N-Z Datasheet
549Kb / 6P
up to 1150mA | AC-DC LED driver
AMER60N-Z AIMTEC-AMER60N-Z Datasheet
841Kb / 6P
up to 1600mA | AC-DC LED driver
AMER90-Z AIMTEC-AMER90-Z Datasheet
436Kb / 5P
up to 2000mA | AC-DC LED driver
AMER120C-Z AIMTEC-AMER120C-Z Datasheet
909Kb / 6P
up to 1700mA | AC-DC LED driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com