Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB4M Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

MB4M Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # MB4M
Download  MB4M Download
File Size   138.7 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000 V Forward Current 0.8A

MB4M Datasheet (PDF)

Go To PDF Page Download Datasheet
MB4M Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # MB4M
Download  MB4M Click to download

File Size   138.7 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000 V Forward Current 0.8A

MB4M Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd


MB4M Product details

Reverse Voltage 200 to 1000 V

Forward Current 0.8A



Features

• High surge current Capability

• High tempererature soldering guaranteed: 260℃/10 seconds

• Lead and body according with RoHS standard



 




Similar Part No. - MB4M

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MB4M GE-MB4M Datasheet
37Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB4M MCC-MB4M Datasheet
101Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
TAITRON Components Inco...
MB4M TAITRON-MB4M Datasheet
144Kb / 4P
0.5A Glass Passivated Bridge Rectifier
logo
GOOD-ARK Electronics
MB4M GOOD-ARK-MB4M Datasheet
139Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
logo
Vishay Siliconix
MB4M VISHAY-MB4M Datasheet
99Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Feb-08
More results


Similar Description - MB4M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBJ610 ETC1-KBJ610 Datasheet
220Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 6.0 A
logo
Rugao Dachang Electroni...
D2SB20 DACHANG-D2SB20 Datasheet
128Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800 V Forward Current 1.5A
D10SB20 DACHANG-D10SB20 Datasheet
134Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800V Forward Current 10A
D15SB20 DACHANG-D15SB20 Datasheet
135Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800V Forward Current 15A
D20SB20 DACHANG-D20SB20 Datasheet
135Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800V Forward Current 20A
D25SB20 DACHANG-D25SB20 Datasheet
183Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800V Forward Current 25A
GBL201 DACHANG-GBL201 Datasheet
128Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0A
GBL401 DACHANG-GBL401 Datasheet
171Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 4.0A
KBP201G DACHANG-KBP201G Datasheet
143Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0A
KBP301G DACHANG-KBP301G Datasheet
143Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com