Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BTA16-800C Datasheet (PDF) - Tiger Electronic Co.,Ltd

BTA16-800C Datasheet PDF - Tiger Electronic Co.,Ltd
Part # BTA16-800C
Download  BTA16-800C Download
File Size   846.47 Kbytes
Page   1 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 16A TRIACS

BTA16-800C Datasheet (PDF)

Go To PDF Page Download Datasheet
BTA16-800C Datasheet PDF - Tiger Electronic Co.,Ltd

Part # BTA16-800C
Download  BTA16-800C Click to download

File Size   846.47 Kbytes
Page   1 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 16A TRIACS

BTA16-800C Datasheet (HTML) - Tiger Electronic Co.,Ltd


BTA16-800C Product details

GENERAL DESCRIPTION
Available either in through-hole or surface-mount packages, the BTA/BTB16 - 600C triac series is suitable for general purpose AC switching. They can be used as an ON/OFF function in applications such as static relays, heating regulation, induction motor starting circuits... or for phase control operation in light dimmers, motor speed controllers, ...
The snubberless versions (BTA/BTB...W series) are specially recommended for use on inductive loads, thanks to their high commutation performances. By using an internal ceramic pad, the BTA series provides voltage insulated tab (rated at 2500V RMS) complying with UL standards.




Similar Part No. - BTA16-800C

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTA16-800C KERSEMI-BTA16-800C Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
logo
DONGGUAN YOU FENG WEI E...
BTA16-800C YFWDIODE-BTA16-800C Datasheet
640Kb / 4P
16A Four-quadrant triac
logo
First Silicon Co., Ltd
BTA16-800C FS-BTA16-800C Datasheet
458Kb / 5P
Bi-Directional Triode Thyristor
logo
Shenzhen Luguang Electr...
BTA16-800C LUGUANG-BTA16-800C Datasheet
1Mb / 6P
16A Ⅲ&ⅣSERIES TRIACS
Revision:20230619-P1
logo
STMicroelectronics
BTA16-800CRG STMICROELECTRONICS-BTA16-800CRG Datasheet
99Kb / 9P
16A TRIACS
13-Feb-2006
More results


Similar Description - BTA16-800C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA16 STMICROELECTRONICS-BTA16 Datasheet
99Kb / 9P
16A TRIACS
13-Feb-2006
logo
Tiger Electronic Co.,Lt...
BTA16-600C TGS-BTA16-600C Datasheet
99Kb / 1P
16A TRIACS
BTA16-800B TGS-BTA16-800B Datasheet
142Kb / 1P
16A TRIACS
logo
Unisonic Technologies
BTB16A UTC-BTB16A Datasheet
162Kb / 4P
16A TRIACS
BTA16 UTC-BTA16 Datasheet
164Kb / 3P
16A TRIACS
BTA16A UTC-BTA16A Datasheet
169Kb / 4P
16A TRIACS
BTA16A UTC-BTA16A_15 Datasheet
195Kb / 4P
16A TRIACS
BTB16A UTC-BTB16A_15 Datasheet
169Kb / 4P
16A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT16 JIEJIE-ACJT16 Datasheet
358Kb / 5P
16A TRIACs
logo
SiPower Inc.
BTA16 SIPOWER-BTA16 Datasheet
1Mb / 6P
16A Triacs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com