Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HYB3164400J Datasheet (PDF) - Siemens Semiconductor Group

HYB3164400J Datasheet PDF - Siemens Semiconductor Group
Part # HYB3164400J
Download  HYB3164400J Download
File Size   448.08 Kbytes
Page   28 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 16M x 4-Bit Dynamic RAM

HYB3164400J Datasheet (PDF)

Go To PDF Page Download Datasheet
HYB3164400J Datasheet PDF - Siemens Semiconductor Group

Part # HYB3164400J
Download  HYB3164400J Click to download

File Size   448.08 Kbytes
Page   28 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 16M x 4-Bit Dynamic RAM

HYB3164400J Datasheet (HTML) - Siemens Semiconductor Group


HYB3164400J Product details

16M x 4-Bit Dynamic RAM (4k & 8k Refresh)

This device is a 64 MBit dynamic RAM organized 16 777 216 by 4 bits. The device is fabricated in SIEMENS/IBM most advanced first generation 64Mbit CMOS silicon gate process technology. The circuit and process design allow this device to achieve high performance and low power dissipation. This DRAM operates with a single 3.3 +/-0.3V power supply and interfaces with either LVTTL or LVCMOS levels. Multiplexed address inputs permit the HYB 3164(5)400J/T to be packaged in a 500mil wide SOJ-34 or TSOP-34 plastic package. These packages provide high system bit densities and are compatible with commonly used automatic testing and insertion equipment.

Preliminary Information
• 16 777 216 words by 4-bit organization
• 0 to 70 ˚C operating temperature
• Fast access and cycle time
   RAS access time:
   50 ns (-50 version)
   60 ns (-60 version)
   Cycle time:
   90 ns (-50 version)
   110 ns (-60 version)
   CAS access time:
   13 ns ( -50 version)
   15 ns ( -60 version)
• Fast page mode cycle time
   35 ns (-50 version)
   40 ns (-60 version)
• Single + 3.3 V (± 0.3V) power supply
• Low power dissipation
   max. 396 active mW ( HYB 3164400J/T-50)
   max. 360 active mW ( HYB 3164400J/T-60)
   max. 504 active mW ( HYB 3165400J/T-50)
   max. 432 active mW ( HYB 3165400J/T-60)
   7.2 mW standby (TTL)
   720 W standby (MOS)
• Read, write, read-modify-write, CAS-before-RAS refresh (CBR),
   RAS-only refresh, hidden refresh and self refresh modes
• Fast page mode capability
• 8192 refresh cycles/128 ms , 13 R/ 11C addresses (HYB 3164400J/T)
• 4096 refresh cycles/ 64 ms , 12 R/ 12C addresses (HYB 3165400J/T)
• Plastic Package:
   P-SOJ-34-1 500 mil HYB 3164(5)400J
   P-TSOPII-34-1 500 mil HYB 3164(5)400T




Similar Part No. - HYB3164400J

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164400AJ SIEMENS-HYB3164400AJ Datasheet
246Kb / 26P
16M x 4-Bit Dynamic RAM
HYB3164400AJ-40 SIEMENS-HYB3164400AJ-40 Datasheet
246Kb / 26P
16M x 4-Bit Dynamic RAM
HYB3164400AJ-50 SIEMENS-HYB3164400AJ-50 Datasheet
246Kb / 26P
16M x 4-Bit Dynamic RAM
HYB3164400AJ-60 SIEMENS-HYB3164400AJ-60 Datasheet
246Kb / 26P
16M x 4-Bit Dynamic RAM
HYB3164400AT-40 SIEMENS-HYB3164400AT-40 Datasheet
246Kb / 26P
16M x 4-Bit Dynamic RAM
More results


Similar Description - HYB3164400J

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164400AJ SIEMENS-HYB3164400AJ Datasheet
246Kb / 26P
16M x 4-Bit Dynamic RAM
HYB3164405AJ SIEMENS-HYB3164405AJ Datasheet
327Kb / 29P
16M x 4-Bit Dynamic RAM
HYB3164405BJ SIEMENS-HYB3164405BJ Datasheet
303Kb / 29P
16M x 4-Bit Dynamic RAM
HYB3164405J SIEMENS-HYB3164405J Datasheet
473Kb / 32P
16M x 4-Bit Dynamic RAM
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYM72V1600GS-50- SIEMENS-HYM72V1600GS-50- Datasheet
77Kb / 22P
16M x 72-Bit Dynamic RAM Module
HYM72V1620GS-50- SIEMENS-HYM72V1620GS-50- Datasheet
69Kb / 11P
16M x 72-Bit Dynamic RAM Module
logo
Panasonic Semiconductor
MN4SV17160BT-80 PANASONIC-MN4SV17160BT-80 Datasheet
2Mb / 54P
16M BIT SYNCHRONOUS DYNAMIC RAM
logo
fujitsu semiconductor
MB8516SR72CA-102 FUJITSU-MB8516SR72CA-102 Datasheet
1Mb / 20P
16M X 72 BIT SYNCHRONOUS DYNAMIC RAM DIMM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com