Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MT51060_IR Datasheet (PDF) - Marktech Corporate

MT51060_IR Datasheet PDF - Marktech Corporate
Part # MT51060_IR
Download  MT51060_IR Download
File Size   578.97 Kbytes
Page   2 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Peak Emission Wavelength: 1060nm

MT51060_IR Datasheet (PDF)

Go To PDF Page Download Datasheet
MT51060_IR Datasheet PDF - Marktech Corporate

Part # MT51060_IR
Download  MT51060_IR Click to download

File Size   578.97 Kbytes
Page   2 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Peak Emission Wavelength: 1060nm

MT51060_IR Datasheet (HTML) - Marktech Corporate




Similar Part No. - MT51060_IR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT51060-IR MARKTECH-MT51060-IR Datasheet
578Kb / 2P
Infrared LED
MT51060-IR MARKTECH-MT51060-IR_15 Datasheet
578Kb / 2P
Infrared LED
More results


Similar Description - MT51060_IR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTPS8085W_1105 MARKTECH-MTPS8085W_1105 Datasheet
758Kb / 3P
Peak Emission Wavelength: 855nm
MTPS8085MT_1105 MARKTECH-MTPS8085MT_1105 Datasheet
942Kb / 4P
Peak Emission Wavelength: 855nm
MTE1300SL-WRC MARKTECH-MTE1300SL-WRC Datasheet
643Kb / 3P
Peak Emission Wavelength: 1300nm
MTE3061N-UO MARKTECH-MTE3061N-UO Datasheet
698Kb / 3P
Peak Emission Wavelength: 620nm
MTE6066C-UR MARKTECH-MTE6066C-UR Datasheet
667Kb / 4P
Peak Emission Wavelength: 660nm
MTE8560MT MARKTECH-MTE8560MT Datasheet
760Kb / 4P
Peak Emission Wavelength: 850nm
MTE8800N1 MARKTECH-MTE8800N1 Datasheet
639Kb / 4P
Peak Emission Wavelength: 880nm
MTE9440CP MARKTECH-MTE9440CP Datasheet
882Kb / 4P
Peak Emission Wavelength: 945nm
MTPS2085BSL1 MARKTECH-MTPS2085BSL1 Datasheet
593Kb / 3P
Peak Emission Wavelength: 850nm
MTPS7065MT MARKTECH-MTPS7065MT Datasheet
729Kb / 4P
Peak Emission Wavelength: 650nm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com