| Manufacturer | Part # | Datasheet | Description |
 Ulti-Mate Connector Inc |
834120000
|
77Kb / 1P |
MICRO-D CONNECTOR, SOLDER CUP, PLUG, SIZE 15 MR15N0
9-23-13 |
|
834120005
|
141Kb / 1P |
MICRO-D CONNECTOR, PLUG, MR15N05, SOLDER CUPS, JACKSCREWS, CADMIUM PLT SHELL
7/5/16 |
|
834120070
|
42Kb / 1P |
Micro-D Wired Standard Profile 15 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Cadmium Metal Shell 125 Max Temp No QPL
10-13-15 |
|
834120182
|
58Kb / 1P |
CONNECTOR ASSEMBLY MR15P02-26M5-18.0
10-30-12 |
|
834120186
|
44Kb / 1P |
Micro-D Wired Standard Profile 15 Pin High Profile Slotted Head Jackscrew 26 AWG Stranded w/ Teflon insulation (SAE-AS22759/11) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Cadmium Metal Shell 125 Max Temp No QPL
10-12-06 |