Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCR3030V42 Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

DCR3030V42 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # DCR3030V42
Download  DCR3030V42 Download
File Size   517.62 Kbytes
Page   9 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Phase Control Thyristor

DCR3030V42 Datasheet (PDF)

Go To PDF Page Download Datasheet
DCR3030V42 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # DCR3030V42
Download  DCR3030V42 Click to download

File Size   517.62 Kbytes
Page   9 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Phase Control Thyristor

DCR3030V42 Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd


DCR3030V42 Product details

KEY PARAMETERS
VDRM 4200V
IT(AV) 3030A
ITSM 40600A
dV/dt* 1500V/µs
dI/dt 400A/µs

FEATURES
 Double Side Cooling
 High Surge Capability

APPLICATIONS
 High Power Drives
 High Voltage Power Supplies
 Static Switches




Similar Part No. - DCR3030V42

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR3030V42 DYNEX-DCR3030V42 Datasheet
400Kb / 10P
Phase Control Thyristor
DCR3030V42 DYNEX-DCR3030V42 Datasheet
435Kb / 10P
Phase Control Thyristor
DCR3030V42 DYNEX-DCR3030V42_15 Datasheet
435Kb / 10P
Phase Control Thyristor
More results


Similar Description - DCR3030V42

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMT-25 SEMPO-SMT-25 Datasheet
49Kb / 1P
Phase Control Thyristor
SMT-100 SEMPO-SMT-100 Datasheet
38Kb / 1P
Phase Control Thyristor
SMTC3-3500 SEMPO-SMTC3-3500 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-3000 SEMPO-SMTC2-3000 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1800F SEMPO-SMTC2-1800F Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1500 SEMPO-SMTC2-1500 Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMT-200 SEMPO-SMT-200 Datasheet
38Kb / 1P
Phase Control Thyristor
SMT-300 SEMPO-SMT-300 Datasheet
40Kb / 1P
Phase Control Thyristor
SMTC1-800 SEMPO-SMTC1-800 Datasheet
56Kb / 1P
Phase Control Thyristor
SMTC2-600 SEMPO-SMTC2-600 Datasheet
56Kb / 1P
Phase Control Thyristor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com