Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CXA1821M Datasheet (PDF) - Sony Corporation

CXA1821M Datasheet PDF - Sony Corporation
Part # CXA1821M
Download  CXA1821M Download
File Size   220.77 Kbytes
Page   13 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description RF Amplifier for CD Players

CXA1821M Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA1821M Datasheet PDF - Sony Corporation

Part # CXA1821M
Download  CXA1821M Click to download

File Size   220.77 Kbytes
Page   13 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description RF Amplifier for CD Players

CXA1821M Datasheet (HTML) - Sony Corporation


CXA1821M Product details

Description

The CXA1821M is an IC developed for compact disc players. This IC incorporates an APC circuit and RF, focus error, and tracking error amplifiers for 3-spot optical pickup output. (The voltage-converted optical pickup output is supported.)



Features

• Low power consumption (40mW at ±2.5V)

• APC circuit

• Both single power supply (+5V) and dual power supply (±2.5V) operations possible.

• Compatible with pickup for LC and PD

• Supports the RF amplifier at double speed.



Applications

  Compact disc players



 




Similar Part No. - CXA1821M

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
LED array expands Cree?셲 family of high?멹lux, multi-die arrays
Rev 0A
CXA1820-0000-000N00P227F CREE-CXA1820-0000-000N00P227F Datasheet
1Mb / 15P
LED array expands Cree?셲 family of high?멹lux, multi-die arrays
Rev 0A
CXA1820-0000-000N00P227H CREE-CXA1820-0000-000N00P227H Datasheet
1Mb / 15P
LED array expands Cree?셲 family of high?멹lux, multi-die arrays
Rev 0A
CXA1820-0000-000N00P427F CREE-CXA1820-0000-000N00P427F Datasheet
1Mb / 15P
LED array expands Cree?셲 family of high?멹lux, multi-die arrays
Rev 0A
CXA1820-0000-000N00P427H CREE-CXA1820-0000-000N00P427H Datasheet
1Mb / 15P
LED array expands Cree?셲 family of high?멹lux, multi-die arrays
Rev 0A
More results


Similar Description - CXA1821M

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6386K ROHM-BA6386K Datasheet
214Kb / 13P
Preservo amplifier for CD players
BA6387K ROHM-BA6387K Datasheet
153Kb / 13P
Preservo amplifier for CD players
logo
Sony Corporation
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
RF Signal Processing Servo Amplifier for CD players
CXA1791M SONY-CXA1791M Datasheet
245Kb / 12P
RF AMPLIFIER FOR CD PLAYERS
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
RF Signal Processing Servo Amplifier for CD players
CXA2568M SONY-CXA2568M Datasheet
262Kb / 17P
RF Amplifier for CD Players
CXA2581N SONY-CXA2581N Datasheet
297Kb / 22P
RF Signal Processor for CD Players
CXA2596M SONY-CXA2596M Datasheet
278Kb / 17P
RF Amplifier for CD Players
CXA2550M SONY-CXA2550M Datasheet
214Kb / 15P
RF Amplifier for CD Players
CXA2521Q SONY-CXA2521Q Datasheet
742Kb / 17P
RF Amplifier for CD Players
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com