Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAT7427B Datasheet (PDF) - TriQuint Semiconductor

TAT7427B Datasheet PDF - TriQuint Semiconductor
Part # TAT7427B
Download  TAT7427B Download
File Size   319.32 Kbytes
Page   7 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description High Gain RF Amplifier, 75 廓, 50-1200 MHz

TAT7427B Datasheet (PDF)

Go To PDF Page Download Datasheet
TAT7427B Datasheet PDF - TriQuint Semiconductor

Part # TAT7427B
Download  TAT7427B Click to download

File Size   319.32 Kbytes
Page   7 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description High Gain RF Amplifier, 75 廓, 50-1200 MHz

TAT7427B Datasheet (HTML) - TriQuint Semiconductor


TAT7427B Product details

General Description
The TAT7427B is a high gain 75 Ω RF Amplifier designed for CATV applications from 50 to 1000 MHz (with operation up to 1.25GHz). The balance of low noise and distortion provides an ideal solution for drop and distribution amplifiers. It is particularly well suited for new home networks requiring higher gain for a large number of splits.

Product Features
• 50-1200 MHz Bandwidth
• High Gain : 18.5 dB
• +38 dBm typical OIP3
• 2.5 dB typical NF
• Low Distortion : CSO -70dBc, CTB -88dBc tested at 10dBmV/ch at input, 80 ch NTSC
• pHEMT Device Technology
• SOT-89 Package
• Single +8V Supply

Applications
• Distribution Amplifiers
• Multi Dwelling Units
• Drop Amplifiers
• Single Ended Gain Blocks




Similar Part No. - TAT7427B

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT7427B TRIQUINT-TAT7427B Datasheet
319Kb / 7P
High Gain RF Amplifier, 75, 50-1200 MHz
logo
Qorvo, Inc
TAT7427B QORVO-TAT7427B Datasheet
319Kb / 7P
High Gain RF Amplifier, 75 , 50-1200 MHz
logo
TriQuint Semiconductor
TAT7427B-T1 TRIQUINT-TAT7427B-T1 Datasheet
319Kb / 7P
High Gain RF Amplifier, 75, 50-1200 MHz
logo
Qorvo, Inc
TAT7427B-T1 QORVO-TAT7427B-T1 Datasheet
319Kb / 7P
High Gain RF Amplifier, 75 , 50-1200 MHz
logo
TriQuint Semiconductor
TAT7427B-T1-EB TRIQUINT-TAT7427B-T1-EB Datasheet
319Kb / 7P
High Gain RF Amplifier, 75, 50-1200 MHz
More results


Similar Description - TAT7427B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
86205A HP-86205A Datasheet
156Kb / 2P
50 廓 & 75 廓 RF Bridges
logo
Mini-Circuits
DSN-2000A-219+ MINI-DSN-2000A-219+ Datasheet
806Kb / 11P
50廓 1200 to 2200 MHz
logo
TriQuint Semiconductor
TAT7430B TRIQUINT-TAT7430B Datasheet
388Kb / 7P
CATV 75 廓 pHEMT High Gain RF Amplifier
logo
Advanced Semiconductor ...
ASA303A ASB-ASA303A Datasheet
825Kb / 9P
50 ~ 1200 MHz Gain Adjustable Trans-impedance Amplifier MMIC
June 2014
ASA306B ASB-ASA306B Datasheet
1Mb / 9P
50 ~ 1200 MHz Gain Adjustable Trans-impedance Amplifier MMIC
January 2015
logo
TriQuint Semiconductor
TAT7427B TRIQUINT-TAT7427B_15 Datasheet
319Kb / 7P
High Gain RF Amplifier, 75, 50-1200 MHz
TAT7460 TRIQUINT-TAT7460_15 Datasheet
596Kb / 8P
75 5V 50 2600 MHz RF Amplifier
TAT7460B1A TRIQUINT-TAT7460B1A_15 Datasheet
603Kb / 7P
75 5V 50 2600 MHz RF Amplifier
TAT7461 TRIQUINT-TAT7461_15 Datasheet
499Kb / 7P
75 Ohm RF Amplifier 50 1000 MHz
logo
Qorvo, Inc
TAT7427B QORVO-TAT7427B Datasheet
319Kb / 7P
High Gain RF Amplifier, 75 , 50-1200 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com