Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAT7461-EB Datasheet (PDF) - TriQuint Semiconductor

TAT7461-EB Datasheet PDF - TriQuint Semiconductor
Part # TAT7461-EB
Download  TAT7461-EB Download
File Size   707.83 Kbytes
Page   8 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 75  RF Amplifier

TAT7461-EB Datasheet (PDF)

Go To PDF Page Download Datasheet
TAT7461-EB Datasheet PDF - TriQuint Semiconductor

Part # TAT7461-EB
Download  TAT7461-EB Click to download

File Size   707.83 Kbytes
Page   8 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 75  RF Amplifier

TAT7461-EB Datasheet (HTML) - TriQuint Semiconductor


TAT7461-EB Product details

General Description

The TAT7461 is a 75 Ohm RF Amplifier designed for CATV applications to 1000 MHz. The balance of low noise and distortion provides an outstanding solution for drop and distribution amplifiers.

The TAT7461 is fabricated using 6-inch GaAs pHEMT technology to optimize performance and cost. On-chip negative feedback provides excellent gain and return loss stability. The TAT7461 also uses an on-chip active bias for consistent bias current and repeatable performance. Simple external tuning allows the TAT7461 to achieve excellent return loss.



Product Features

• 75 Ohm, 50-1000 MHz Bandwidth

• pHEMT Device Technology

• On-Chip Active Bias and Negative Feedback

• Low Noise: < 2.6 dB to 1000 MHz

• Low Distortion: CSO -72, CTB -88 dBc

   (at Pout = +26 dBmV/ch, 80 ch flat loading)

• 16.1 dB Typical Gain

• +39 dBm Typical OIP3

• +22 dBm Typical P1dB

• 2.3 dB Typical NF and < 2.6 dB up to 1000 MHz

• Unconditionally Stable

• Low Power Consumption: +5.0 V, 130 mA

• SOT-89 package



Applications

• Distribution Amplifiers

• Multi Dwelling Units

• Drop Amplifiers

• Single Ended Gain Block



 




Similar Part No. - TAT7461-EB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT7461-EVB TRIQUINT-TAT7461-EVB Datasheet
499Kb / 7P
75 Ohm RF Amplifier 50 1000 MHz
More results


Similar Description - TAT7461-EB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011117 MA-COM-MAAM-011117 Datasheet
986Kb / 6P
75??, 5V RF Amplifier
logo
TriQuint Semiconductor
TAT7430B TRIQUINT-TAT7430B_15 Datasheet
388Kb / 7P
CATV 75 HEMT High Gain RF Amplifier
TAT7457 TRIQUINT-TAT7457_15 Datasheet
839Kb / 10P
75 HEMT Adjustable Gain RF Amplifier
TAT7461 TRIQUINT-TAT7461_15 Datasheet
499Kb / 7P
75 Ohm RF Amplifier 50 1000 MHz
TAT7464 TRIQUINT-TAT7464_15 Datasheet
507Kb / 6P
CATV 75 HEMT Dual RF Amplifier
TAT7466 TRIQUINT-TAT7466_15 Datasheet
345Kb / 11P
75 RF Amplifier
TAT7469 TRIQUINT-TAT7469_15 Datasheet
484Kb / 11P
CATV 75 HEMT Dual RF Amplifier
QPB7464 TRIQUINT-QPB7464 Datasheet
1Mb / 11P
CATV 75(ohm) pHEMT Dual RF Amplifier
logo
Qorvo, Inc
TAT7467E1F QORVO-TAT7467E1F Datasheet
614Kb / 13P
CATV 75 pHEMT Dual RF Amplifier
TAT7430B QORVO-TAT7430B Datasheet
378Kb / 7P
CATV 75 pHEMT High Gain RF Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com