Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TGA4543 Datasheet (PDF) - TriQuint Semiconductor

TGA4543 Datasheet PDF - TriQuint Semiconductor
Part # TGA4543
Download  TGA4543 Download
File Size   1098.22 Kbytes
Page   13 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 40.5 - 43.5 GHz Power Amplifier

TGA4543 Datasheet (PDF)

Go To PDF Page Download Datasheet
TGA4543 Datasheet PDF - TriQuint Semiconductor

Part # TGA4543
Download  TGA4543 Click to download

File Size   1098.22 Kbytes
Page   13 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 40.5 - 43.5 GHz Power Amplifier

TGA4543 Datasheet (HTML) - TriQuint Semiconductor


TGA4543 Product details

General Description
The TriQuint TGA4543 is a 40.5 - 43.5 GHz Power Amplifier designed using TriQuint’s power pHEMT production process.
The TGA4543 typically provides 28.5 dBm of output power at 1dB gain compression with small signal gain of 23 dB. Third Order Intercept is 38 dBm at 18 dBm Output/Tone.
The TGA4543 is ideally suited for Point-to-Point Radio, Ka-band communications, and Millimeter-wave communications.
Lead-free and RoHS compliant.
Evaluation Boards are available upon request.

Product Features
 • Frequency range: 40.5 - 43.5 GHz
 • Output Power: 30 dBm Psat, 28.5 dBm P1dB
 • Gain: 23 dBm Typical
 • TOI: 38 dBm @ 18 dBm Output/Tone
 • Integrated Power Detector
 • Bias: Vcc = 6V, Icc = 900 mA Typical
 • Dimension: 2.95 x 2.95 x 0.1 mm

Applications
 • Point to Point Radio
 • Millimeter-wave Communications
 • Military & Space




Similar Part No. - TGA4543

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4543 TRIQUINT-TGA4543 Datasheet
1Mb / 13P
40.5 to 43.5 GHz Power Amplifier
TGA4543 TRIQUINT-TGA4543_15 Datasheet
1Mb / 13P
40.5 to 43.5 GHz Power Amplifier
More results


Similar Description - TGA4543

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
44MPA0478 MIMIX-44MPA0478 Datasheet
436Kb / 5P
43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1015 MIMIX-XP1015 Datasheet
1Mb / 5P
43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1016 MIMIX-XP1016 Datasheet
673Kb / 5P
43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1028-BD MIMIX-XP1028-BD Datasheet
345Kb / 5P
43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1015-BD MIMIX-XP1015-BD Datasheet
228Kb / 5P
43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1016-BD MIMIX-XP1016-BD Datasheet
297Kb / 5P
43.5-46.5 GHz GaAs MMIC Power Amplifier
logo
TriQuint Semiconductor
TGA4543 TRIQUINT-TGA4543_15 Datasheet
1Mb / 13P
40.5 to 43.5 GHz Power Amplifier
logo
Broadcom Corporation.
AMGP-6551 BOARDCOM-AMGP-6551 Datasheet
639Kb / 8P
40.5 ??43.5 GHz SMT Packaged Up-Converter
AMGP-6445 BOARDCOM-AMGP-6445 Datasheet
146Kb / 9P
40.5 ??43.5 GHz SMT Packaged Linear Power Amplifi er
AMGP-6342 BOARDCOM-AMGP-6342 Datasheet
147Kb / 7P
40.5 ??43.5 GHz SMT Packaged Variable Gain Amplifi er
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com