Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3KP6.0A Datasheet (PDF) - MERITEK ELECTRONICS CORPORATION

3KP6.0A Datasheet PDF - MERITEK ELECTRONICS CORPORATION
Part # 3KP6.0A
Download  3KP6.0A Download
File Size   223.59 Kbytes
Page   4 Pages
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION
Description Transient Voltage Suppressors

3KP6.0A Datasheet (PDF)

Go To PDF Page Download Datasheet
3KP6.0A Datasheet PDF - MERITEK ELECTRONICS CORPORATION

Part # 3KP6.0A
Download  3KP6.0A Click to download

File Size   223.59 Kbytes
Page   4 Pages
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION
Description Transient Voltage Suppressors

3KP6.0A Datasheet (HTML) - MERITEK ELECTRONICS CORPORATION


3KP6.0A Product details

FEATURES
◇ Plastic package has Underwriters Laboratory.
   Flammability Classification 94V-O.
◇ Glass passivated junction.
◇ 3,000W Peak Pulse Power capability on 10/1000μs waveform.
◇ Excellent clamping capability.
◇ Repetition rate (duty cycle): 0.05%
◇ Low incremental surge resistance.
◇ Fast response time: typically less than 1.0ps from 0 volt to VBR.
◇ Typical IR less than 1μA above 10V.
◇ High temperature soldering guaranteed: 265°C/10 seconds/.375",
   (9.5mm) lead length, 5lbs, (2.3kg) tension.




Similar Part No. - 3KP6.0A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP6.0A PANJIT-3KP6.0A Datasheet
173Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Surge Components
3KP6.0A SURGE-3KP6.0A Datasheet
206Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Won-Top Electronics
3KP6.0A WTE-3KP6.0A Datasheet
68Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
3KP6.0A FORMOSA-3KP6.0A Datasheet
69Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
logo
DB Lectro Inc
3KP6.0A DBLECTRO-3KP6.0A Datasheet
149Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power
More results


Similar Description - 3KP6.0A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
Transient Voltage Suppressors
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
TVS8501V5 ONSEMI-TVS8501V5 Datasheet
93Kb / 6P
Transient Voltage Suppressors
November, 2014 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
ESD3BL3V3WS SEMTECH_ELEC-ESD3BL3V3WS Datasheet
356Kb / 4P
Transient Voltage Suppressors
ESD9BL5V0BP SEMTECH_ELEC-ESD9BL5V0BP Datasheet
342Kb / 3P
Transient Voltage Suppressors
ESDB5V0WT SEMTECH_ELEC-ESDB5V0WT Datasheet
267Kb / 3P
Transient Voltage Suppressors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com