Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GP10YH Datasheet (PDF) - Zowie Technology Corporation

GP10YH Datasheet PDF - Zowie Technology Corporation
Part # GP10YH
Download  GP10YH Download
File Size   103.87 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description SINTERED GLASS PASSIVATED JUNCTION RECTIFIER

GP10YH Datasheet (PDF)

Go To PDF Page Download Datasheet
GP10YH Datasheet PDF - Zowie Technology Corporation

Part # GP10YH
Download  GP10YH Click to download

File Size   103.87 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description SINTERED GLASS PASSIVATED JUNCTION RECTIFIER

GP10YH Datasheet (HTML) - Zowie Technology Corporation


GP10YH Product details

Reverse Voltage - 50 to 1600 Volts Forward Current - 1.0 Ampere



FEATURES

* Halogen-free type

* Compliance to RoHS product

* GPRC (Glass Passivated Rectifier Chip) inside

* Glass passivated cavity-free junction

* Capable of meeting environmental standards of MIL-S-19500

* High temperature soldering guaranteed: 260oC/10 seconds, 0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension

* Plastic package has Underwriters Laboratory Flammability

Classification 94V-0



MECHANICAL DATA

Case : JEDEC DO-204AL molded plastic over glass body

Terminals : Tin Plated, solderable per MIL-STD-750, Method 2026

Polarity : Color band denotes cathode end

Weight : 0.012 ounes , 0.3 gram




Similar Part No. - GP10YH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP10Y ZOWIE-GP10Y Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GP10Y GE-GP10Y Datasheet
61Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
TAITRON Components Inco...
GP10Y TAITRON-GP10Y Datasheet
129Kb / 4P
1.0A Sintered Glass Passivated Rectifier
logo
Gulf Semiconductor
GP10Y GULFSEMI-GP10Y Datasheet
160Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1600V CURRENT: 1.0A
logo
Vishay Siliconix
GP10Y VISHAY-GP10Y Datasheet
77Kb / 4P
Glass Passivated Junction Rectifier
15-Mar-11
More results


Similar Description - GP10YH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP30A ZOWIE-EGP30A Datasheet
63Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
GP10A ZOWIE-GP10A Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP15A ZOWIE-GP15A Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP20A ZOWIE-GP20A Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP30A ZOWIE-GP30A Datasheet
59Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP60A ZOWIE-GP60A Datasheet
58Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP20AH ZOWIE-GP20AH Datasheet
62Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP30AH ZOWIE-GP30AH Datasheet
838Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
EGP10AH ZOWIE-EGP10AH Datasheet
170Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGP30AH ZOWIE-EGP30AH Datasheet
213Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com