Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLH31-H Datasheet (PDF) - Eldeco Srl

BLH31-H Datasheet PDF - Eldeco Srl
Part # BLH31-H
Download  BLH31-H Download
File Size   506.27 Kbytes
Page   1 Pages
Manufacturer  ELDECO [Eldeco Srl]
Direct Link  http://www.euro-block.it
Logo ELDECO - Eldeco Srl
Description Standard : UL - IEC 300V-130V 10A-10A

BLH31-H Datasheet (PDF)

Go To PDF Page Download Datasheet
BLH31-H Datasheet PDF - Eldeco Srl

Part # BLH31-H
Download  BLH31-H Click to download

File Size   506.27 Kbytes
Page   1 Pages
Manufacturer  ELDECO [Eldeco Srl]
Direct Link  http://www.euro-block.it
Logo ELDECO - Eldeco Srl
Description Standard : UL - IEC 300V-130V 10A-10A

BLH31-H Datasheet (HTML) - Eldeco Srl




Similar Part No. - BLH31-H

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
BLH305K102A042 CDE-BLH305K102A042 Datasheet
692Kb / 9P
85 °C / 85% RH , 1500h @ Vr, AEC-Q200 Qualified
BLH305K122A062 CDE-BLH305K122A062 Datasheet
692Kb / 9P
85 °C / 85% RH , 1500h @ Vr, AEC-Q200 Qualified
BLH305K451A022 CDE-BLH305K451A022 Datasheet
692Kb / 9P
85 °C / 85% RH , 1500h @ Vr, AEC-Q200 Qualified
BLH305K551A022 CDE-BLH305K551A022 Datasheet
692Kb / 9P
85 °C / 85% RH , 1500h @ Vr, AEC-Q200 Qualified
BLH305K601A022 CDE-BLH305K601A022 Datasheet
692Kb / 9P
85 °C / 85% RH , 1500h @ Vr, AEC-Q200 Qualified
More results


Similar Description - BLH31-H

ManufacturerPart #DatasheetDescription
logo
Eldeco Srl
BLT31-H ELDECO-BLT31-H Datasheet
513Kb / 1P
Standard : UL - IEC 300V-130V 10A - 10A
BLT31-V ELDECO-BLT31-V Datasheet
516Kb / 1P
Standard : UL - IEC 300V - 130V 10A - 10A
CM5-H ELDECO-CM5-H Datasheet
282Kb / 1P
Standard : UL - IEC 300V - 320V 10A - 20A
CMD-5-CH ELDECO-CMD-5-CH Datasheet
303Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 10A
CMD-5-V ELDECO-CMD-5-V Datasheet
293Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 10A
MDL-5-VF ELDECO-MDL-5-VF Datasheet
308Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 10A
MRB31-3.5-V ELDECO-MRB31-3.5-V Datasheet
504Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 10A
MRD31-L ELDECO-MRD31-L Datasheet
376Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 10A
MRD31-R ELDECO-MRD31-R Datasheet
375Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 10A
MRH31 ELDECO-MRH31 Datasheet
520Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 10A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com