Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N5830 Datasheet (PDF) - Naina Semiconductor ltd.

1N5830 Datasheet PDF - Naina Semiconductor ltd.
Part # 1N5830
Download  1N5830 Download
File Size   123.5 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Schottky Power Diode, 25A

1N5830 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5830 Datasheet PDF - Naina Semiconductor ltd.

Part # 1N5830
Download  1N5830 Click to download

File Size   123.5 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Schottky Power Diode, 25A

1N5830 Datasheet (HTML) - Naina Semiconductor ltd.


1N5830 Product details

Features
• Fast Switching
• Low forward voltage drop
• High surge capability
• High efficiency, low power loss
• Normal and Reverse polarity




Similar Part No. - 1N5830

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5830 MCC-1N5830 Datasheet
111Kb / 3P
25 Amp Schottky Barrier Rectifier 20 to 35 Volts
logo
Microsemi Corporation
1N5830 MICROSEMI-1N5830 Datasheet
128Kb / 2P
25 Amp Schottky Rectifier
logo
TRANSYS Electronics Lim...
1N5830 TEL-1N5830 Datasheet
141Kb / 2P
SCHOTTKY DIODES STUD TYPE 25 A
logo
Digitron Semiconductors
1N5830 DIGITRON-1N5830 Datasheet
123Kb / 2P
25 AMP SCHOTTKY RECTIFIERS
logo
GeneSiC Semiconductor, ...
1N5830 GENESIC-1N5830 Datasheet
772Kb / 3P
Silicon Power Schottky Diode
More results


Similar Description - 1N5830

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BYP53 ZETEX-BYP53 Datasheet
192Kb / 5P
25A Silicon Power Rectifier Diode
BYY53 ZETEX-BYY53 Datasheet
213Kb / 6P
25A Silicon Power Rectifier Diode
logo
Naina Semiconductor ltd...
1N6095 NAINA-1N6095 Datasheet
122Kb / 2P
Schottky Power Diode, 25A
logo
Digitron Semiconductors
MBR2535CTL DIGITRON-MBR2535CTL Datasheet
445Kb / 2P
25A SCHOTTKY RECTIFIER
logo
UnitedSiC.
UJ3D1725K2 UNITEDSIC-UJ3D1725K2 Datasheet
329Kb / 6P
25A - 1700V SiC Schottky Diode
Rev. A, September 2020
logo
Zibo Seno Electronic En...
25SQ030 ZSELEC-25SQ030 Datasheet
89Kb / 2P
25A SCHOTTKY BARRIER DIODE
logo
DACO SEMICONDUCTOR CO.,...
CSRI2X25-065P1B DACO-CSRI2X25-065P1B Datasheet
380Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×25A
Feb 2023 Rev.1.2
CSRI2X25-065P2B DACO-CSRI2X25-065P2B Datasheet
516Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×25A
May 2023 Rev.1.0
CSRI2X25-120P1B DACO-CSRI2X25-120P1B Datasheet
392Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×25A
Feb 2023 Rev.1.1
CSRI2X25-170P1B DACO-CSRI2X25-170P1B Datasheet
378Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×25A
Feb 2023 Rev 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com