Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9834BRUZ Datasheet (PDF) - Analog Devices

AD9834BRUZ Datasheet PDF - Analog Devices
Part # AD9834BRUZ
Download  AD9834BRUZ Download
File Size   992.75 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS

AD9834BRUZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9834BRUZ Datasheet PDF - Analog Devices

Part # AD9834BRUZ
Download  AD9834BRUZ Click to download

File Size   992.75 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS

AD9834BRUZ Datasheet (HTML) - Analog Devices


AD9834BRUZ Product details

GENERAL DESCRIPTION
The AD9834 is a 75 MHz low power DDS device capable of producing high performance sine and triangular outputs. It also has an on-board comparator that allows a square wave to be produced for clock generation. Consuming only 20 mW of power at 3 V makes the AD9834 an ideal candidate for power-sensitive applications.
Capability for phase modulation and frequency modulation is provided. The frequency registers are 28 bits; with a 75 MHz clock rate, resolution of 0.28 Hz can be achieved. Similarly, with a 1 MHz clock rate, the AD9834 can be tuned to 0.004 Hz resolution. Frequency and phase modulation are affected by loading registers through the serial interface and toggling the registers using software or the FSELECT pin and PSELECT pin, respectively. The AD9834 is written to using a 3-wire serial interface. This serial interface operates at clock rates up to 40 MHz and is compatible with DSP and microcontroller standards.
The device operates with a power supply from 2.3 V to 5.5 V. The analog and digital sections are independent and can be run from different power supplies, for example, AVDD can equal 5 V with DVDD equal to 3 V.
The AD9834 has a power-down pin (SLEEP) that allows external control of the power-down mode. Sections of the device that are not being used can be powered down to minimize the current consumption. For example, the DAC can be powered down when a clock output is being generated.

FEATURES
   Narrow-band SFDR >72 dB
   2.3 V to 5.5 V power supply
   Output frequency up to 37.5 MHz
   Sine output/triangular output
   On-board comparator
   3-wire SPI® interface
   Extended temperature range: −40°C to +105°C
   Power-down option
   20 mW power consumption at 3 V
   20-lead TSSOP

APPLICATIONS
   Frequency stimulus/waveform generation
   Frequency phase tuning and modulation
   Low power RF/communications systems
   Liquid and gas flow measurement
   Sensory applications: proximity, motion, and defect detection
   Test and medical equipment




Similar Part No. - AD9834BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9834BRUZ AD-AD9834BRUZ Datasheet
992Kb / 36P
20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9834BRUZ-REEL AD-AD9834BRUZ-REEL Datasheet
992Kb / 36P
20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9834BRUZ-REEL7 AD-AD9834BRUZ-REEL7 Datasheet
992Kb / 36P
20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
More results


Similar Description - AD9834BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9833 AD-AD9833 Datasheet
210Kb / 18P
2.5 V to 5.5 V, 25 MHz Low Power CMOS Complete DDS
AD9834 AD-AD9834 Datasheet
236Kb / 20P
Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
AD9852 AD-AD9852 Datasheet
424Kb / 42P
CMOS 300 MHz Complete-DDS
REV.0
AD9837 AD-AD9837 Datasheet
974Kb / 28P
Low Power, 8.5 mW, 2.3 V to 5.5 V, Programmable Waveform Generator
REV. 0
AD9838 AD-AD9838 Datasheet
620Kb / 32P
11 mW Power, 2.3 V to 5.5 V, Complete DDS Power-down option
REV. A
AD9834 AD-AD9834_10 Datasheet
394Kb / 32P
20 mW Power, 2.3 V to 5.5 V,75 MHz Complete DDS
REV. B
AD9834CRUZ AD-AD9834CRUZ Datasheet
992Kb / 36P
20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9833SRMZ-EP-RL7 AD-AD9833SRMZ-EP-RL7 Datasheet
694Kb / 24P
Low Power, 12.65 mW, 2.3 V to 5.5 V Programmable Waveform Generator
Rev. E
AD9833 AD-AD9833_15 Datasheet
694Kb / 24P
Low Power, 12.65 mW, 2.3 V to 5.5 V
Rev. E
AD9834 AD-AD9834_15 Datasheet
551Kb / 32P
20 mW Power, 2.3 V to 5.5 V
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com