Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1.5KE Datasheet (PDF) - First Components International

1.5KE Datasheet PDF - First Components International
Part # 1.5KE
Download  1.5KE Download
File Size   236.71 Kbytes
Page   4 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS

1.5KE Datasheet (PDF)

Go To PDF Page Download Datasheet
1.5KE Datasheet PDF - First Components International

Part # 1.5KE
Download  1.5KE Click to download

File Size   236.71 Kbytes
Page   4 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS

1.5KE Datasheet (HTML) - First Components International




Similar Part No. - 1.5KE

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
1500W Transient Voltage Suppressor
logo
Vishay Siliconix
1.5KE VISHAY-1.5KE Datasheet
113Kb / 6P
TRANSZORB Transient Voltage Suppressors
30-Oct-02
logo
Littelfuse
1.5KE LITTELFUSE-1.5KE Datasheet
123Kb / 4P
Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
logo
DB Lectro Inc
1.5KE DBLECTRO-1.5KE Datasheet
147Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
1500W Surface Mount Transient Voltage Suppressor
More results


Similar Description - 1.5KE

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1.5KE FCI-1.5KE Datasheet
180Kb / 4P
6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
5KP FCI-5KP Datasheet
187Kb / 4P
5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
P4KE FCI-P4KE Datasheet
165Kb / 4P
6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
P6KE FCI-P6KE Datasheet
177Kb / 4P
6.8V to 200V GPP TRANSIENT VOLTAGE SUPPRESSORS
SA5.0 FCI-SA5.0 Datasheet
178Kb / 4P
5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
T4ARBU405M RECTRON-T4ARBU405M Datasheet
285Kb / 4P
TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
T4ARS3505M RECTRON-T4ARS3505M Datasheet
210Kb / 4P
TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
logo
Micro Commercial Compon...
15KE68 MCC-15KE68 Datasheet
974Kb / 4P
1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
1.5KE6.8 MCC-1.5KE6.8_11 Datasheet
927Kb / 4P
1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
logo
Rectron Semiconductor
T4ARBU405M RECTRON-T4ARBU405M_10 Datasheet
313Kb / 4P
TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com