Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SA2092 Datasheet (PDF) - Rohm

2SA2092 Datasheet PDF - Rohm
Part # 2SA2092_11
Download  2SA2092 Download
File Size   309.03 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description -1A /-60V Bipolar transistor Low switching noise.

2SA2092 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA2092 Datasheet PDF - Rohm

Part # 2SA2092_11
Download  2SA2092 Click to download

File Size   309.03 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description -1A /-60V Bipolar transistor Low switching noise.

2SA2092 Datasheet (HTML) - Rohm




Similar Part No. - 2SA2092_11

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA2092TLQ ROHM-2SA2092TLQ Datasheet
309Kb / 4P
-1A / -60V Bipolar transistor
More results


Similar Description - 2SA2092_11

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA2092 ROHM-2SA2092 Datasheet
86Kb / 4P
-1A / -60V Bipolar transistor
2SC5865 ROHM-2SC5865 Datasheet
73Kb / 5P
Transistors High voltage discharge, High speed switching, Low Noise (60V, 1A)
2SC5865 ROHM-2SC5865_11 Datasheet
937Kb / 4P
High voltage discharge, High speed switching, Low Noise (60V, 1A)
2SC5865TLR ROHM-2SC5865TLR Datasheet
308Kb / 4P
High voltage discharge, High speed switching, Low Noise (60V, 1A)
2SA2092TLQ ROHM-2SA2092TLQ Datasheet
309Kb / 4P
-1A / -60V Bipolar transistor
logo
Infineon Technologies A...
BFP420 INFINEON-BFP420_13 Datasheet
567Kb / 9P
Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP620F INFINEON-BFP620F_13 Datasheet
629Kb / 9P
Low Noise SiGe:C Bipolar RF Transistor
2013-09-09
BFS481 INFINEON-BFS481_13 Datasheet
563Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-06-18
logo
Rohm
DTDG23YP ROHM-DTDG23YP Datasheet
1Mb / 6P
1A/60V Digital Transistor
DTDG14GP ROHM-DTDG14GP_15 Datasheet
1,008Kb / 9P
1A/60V Digital Transistor
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com