| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX4265
|
361Kb / 16P |
Ultra-Low-Distortion, Single-Supply, 300MHz Op Amps with Enable
19-1552; Rev 0; 10/99 |
|
MAX4380
|
755Kb / 16P |
Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 4/03 |
|
MAX4450
|
456Kb / 12P |
Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00 |
|
MAX4412
|
343Kb / 15P |
Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00 |
|
MAX4350
|
459Kb / 11P |
Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 3/01 |
|
MAX4412
|
363Kb / 16P |
Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09 |
|
MAX4450
|
471Kb / 15P |
Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09 |
|
MAX9030
|
238Kb / 9P |
Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 2; 8/12 |
|
MAX9031AUK
|
220Kb / 9P |
Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 2; 8/12 |
|
MAX4385E
|
284Kb / 13P |
Low-Cost, 230MHz, Single/Quad Op Amps
Rev 0; 4/02 |