Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8634 Datasheet (PDF) - Analog Devices

AD8634 Datasheet PDF - Analog Devices
Part # AD8634
Download  AD8634 Download
File Size   123.99 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Temperature, Low Power Operational Amplifier

AD8634 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8634 Datasheet PDF - Analog Devices

Part # AD8634
Download  AD8634 Click to download

File Size   123.99 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Temperature, Low Power Operational Amplifier

AD8634 Datasheet (HTML) - Analog Devices


AD8634 Product details

GENERAL DESCRIPTION
The AD8634 is a single-supply, 9.7 MHz bandwidth, dual amplifier that features rail-to-rail outputs. The AD8634 is guaranteed to operate from 3 V to 30 V (or ±1.5 V to ±15 V) and at very high temperatures.
The AD8634 is well suited for single-supply applications that require both ac and precision dc performance. The combination of wide bandwidth, low noise, and precision makes the AD8634 useful in a wide variety of applications, including filters and interfacing with a variety of sensors.

FEATURES
   Extreme high temperature operation
   −40°C to +210°C, flatpack package
   −40°C to +175°C, SOIC package
   Rail-to-rail output
   Low power: 1.3 mA maximum
   Gain bandwidth product: 9.7 MHz at AV = 100 typical
   Low offset voltage: 250 μV maximum
   Unity-gain stable
   High slew rate: 5.0 V/μs typical at 210°C  
   Low noise: 4 nV/√Hz typical at 1 kHz and 210°C  

APPLICATIONS
   Downhole drilling and instrumentation
   Avionics
   Heavy industrial
   High temperature environments




Similar Part No. - AD8634

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
AD8634 UMW-AD8634 Datasheet
1Mb / 15P
480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
More results


Similar Description - AD8634

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-97 AD-OP-97 Datasheet
470Kb / 10P
LOW POWER, HIGH PRECISION OPERATIONAL AMPLIFIER
OP97 AD-OP97 Datasheet
363Kb / 12P
Low-Power, High-Precision Operational Amplifier
logo
Linear Technology
LT1195 LINER-LT1195 Datasheet
396Kb / 12P
Low Power, High Speed Operational Amplifier
logo
List of Unclassifed Man...
HT1104 ETC1-HT1104 Datasheet
302Kb / 8P
HIGH TEMPERATURE QUAD OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2705 INTERSIL-HA-2705 Datasheet
514Kb / 3P
Low Power, High Performance Operational Amplifier
September 1998
logo
Linear Technology
LT1195 LINER-LT1195_02 Datasheet
334Kb / 12P
Low Power, High Speed Operational Amplifier
logo
Analog Devices
OP97 AD-OP97_07 Datasheet
616Kb / 16P
Low Power, High Precision Operational Amplifier
Rev. F
logo
Global Mixed-mode Techn...
G1577 GMT-G1577 Datasheet
380Kb / 1P
Low Power Operational Amplifier
logo
Linear Technology
LT1195 LINER-LT1195_15 Datasheet
344Kb / 12P
Low Power, High Speed Operational Amplifier
logo
Analog Devices
AD847 AD-AD847_17 Datasheet
602Kb / 6P
High Speed Low Power Operational Amplifier
29-Nov-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com