Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDSP-H101 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HDSP-H101 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HDSP-H101
Download  HDSP-H101 Download
File Size   430.71 Kbytes
Page   20 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Low Current Seven Segment Displays Low Power Consumption

HDSP-H101 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDSP-H101 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-H101
Download  HDSP-H101 Click to download

File Size   430.71 Kbytes
Page   20 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Low Current Seven Segment Displays Low Power Consumption

HDSP-H101 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HDSP-H101 Product details

Description
These low current seven segment displays are designed for applications requiring low power consumption. They are tested and selected for their excellent low current characteristics to ensure that the segments are matched at low currents. Drive currents as low as 1 mA per segment are available.
Pin for pin equivalent displays are also available in a standard current or high light ambient design. The standard current displays are available in all colors and are ideal for most applications. The high light ambient displays are ideal for sunlight ambients or long string lengths.
For additional information see the 7.6 mm Micro Bright Seven Segment Displays, 10 mm Seven Segment Displays, 7.6 mm/10.9 mm Seven Segment Displays, 14.2 mm Seven Segment Displays, 20 mm Seven Segment Displays, or High Light Ambient Seven Segment Displays data sheets.

Features
• Low Power Consumption
• Industry Standard Size
• Industry Standard Pinout
• Choice of Character Size
   7.6 mm (0.30 in), 10 mm (0.40 in), 10.9 mm (0.43 in),
   14.2 mm (0.56 in), 20 mm (0.80 in)
• Choice of Colors
   AlGaAs Red, High Efficiency
   Red (HER), Yellow, Green
• Excellent Appearance
   Evenly Lighted Segments
   ±50° Viewing Angle
• Design Flexibility
   Common Anode or Common Cathode
   Single and Dual Digit Left and Right Hand Decimal Points
   ±1. Overflow Character
• Categorized for Luminous Intensity
   Yellow and Green Categorized for Color
   Use of Like Categories Yields a Uniform Display
• Excellent for Long Digit String Multiplexing




Similar Part No. - HDSP-H101

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-H101-00000 HP-HDSP-H101-00000 Datasheet
340Kb / 20P
Low Current Seven Segment Displays
HDSP-H101-0C000 HP-HDSP-H101-0C000 Datasheet
340Kb / 20P
Low Current Seven Segment Displays
HDSP-H101-0D000 HP-HDSP-H101-0D000 Datasheet
340Kb / 20P
Low Current Seven Segment Displays
HDSP-H101-0E000 HP-HDSP-H101-0E000 Datasheet
340Kb / 20P
Low Current Seven Segment Displays
HDSP-H101-0F000 HP-HDSP-H101-0F000 Datasheet
340Kb / 20P
Low Current Seven Segment Displays
More results


Similar Description - HDSP-H101

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-H103 HP-HDSP-H103 Datasheet
340Kb / 20P
Low Current Seven Segment Displays
HDSP HP-HDSP Datasheet
341Kb / 20P
Low Current Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7513 AVAGO-HDSP-7513 Datasheet
430Kb / 20P
Low Current Seven Segment Displays
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
Low Current Seven Segment Displays
HDSP-5553 AVAGO-HDSP-5553 Datasheet
430Kb / 20P
Low Current Seven Segment Displays
HDSP-E103 AVAGO-HDSP-E103 Datasheet
430Kb / 20P
Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
Low Current Seven Segment Displays
HDSP-K123 AVAGO-HDSP-K123 Datasheet
430Kb / 20P
Low Current Seven Segment Displays
HDSP-335B AVAGO-HDSP-335B Datasheet
430Kb / 20P
Low Current Seven Segment Displays
HDSP AVAGO-HDSP Datasheet
430Kb / 20P
Low Current Seven Segment Displays
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com