Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS11DFI010 Datasheet (PDF) - SPANSION

S29GL01GS11DFI010 Datasheet PDF - SPANSION
Part # S29GL01GS11DFI010
Download  S29GL01GS11DFI010 Download
File Size   3730.34 Kbytes
Page   104 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family

S29GL01GS11DFI010 Datasheet (PDF)

Go To PDF Page Download Datasheet
S29GL01GS11DFI010 Datasheet PDF - SPANSION

Part # S29GL01GS11DFI010
Download  S29GL01GS11DFI010 Click to download

File Size   3730.34 Kbytes
Page   104 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family

S29GL01GS11DFI010 Datasheet (HTML) - SPANSION


S29GL01GS11DFI010 Product details

GL-S MirrorBit® Eclipse™ Flash Non-Volatile Memory Family
S29GL01GS  1 Gbit  (128 Mbyte)
S29GL512S  512 Mbit  (64 Mbyte)
S29GL256S  256 Mbit  (32 Mbyte)
S29GL128S  128 Mbit  (16 Mbyte)
CMOS 3.0 Volt Core with Versatile I/O

General Description
The Spansion® S29GL01G/512/256/128S are MirrorBit Eclipse flash products fabricated on 65 nm process technology. These devices offer a fast page access time as fast as 15 ns with a corresponding random access time asfast as 90 ns. They feature a Write Buffer that allows a maximum of 256 words/512 bytes to be programmed in one operation, resulting infaster effective
programming time than standard programming algorithms. Thismakes these devices ideal for today’s embedded applications that require higher density, better performance and lower power consumption.

Distinctive Characteristics
65 nm MirrorBit Eclipse Technology
Single supply (VCC) for read / program / erase (2.7V to 3.6V)
Versatile I/O Feature
       – Wide I/O voltage range (VIO): 1.65V to VCC
x16 data bus
Asynchronous 32-byte Page read
512-byte Programming Buffer
       – Programming in Page multiples, up to a maximum of 512 bytes
Single word and multiple program on same word options
Sector Erase
       – Uniform 128-kbyte sectors
Suspend and Resume commands for Program and Erase operations
Status Register, Data Polling, and Ready/Busy pin methods to determine device status
Advanced Sector Protection (ASP)
     – Volatile and non-volatile protection methods for each sector
Separate 1024-byte One Time Program (OTP) array with two lockable regions
Common Flash Interface (CFI) parameter table
Temperature Range
     – Industrial (-40°C to +85°C)
     – In-Cabin (-40°C to +105°C)
100,000 erase cycles for any sector typical
20-year data retention typical
Packaging Options
     – 56-pin TSOP
     – 64-ball LAA Fortified BGA, 13 mm x 11 mm
     – 64-ball LAE Fortified BGA, 9 mm x 9 mm
     – 56-ball VBU Fortified BGA, 9 mm x 7 mm




Similar Part No. - S29GL01GS11DFI010

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S29GL01GS11DFI010 CYPRESS-S29GL01GS11DFI010 Datasheet
1Mb / 108P
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
Revised June 21, 2018
More results


Similar Description - S29GL01GS11DFI010

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
MirrorBit Flash Family
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
MirrorBit Flash Family
S29GL01GS SPANSION-S29GL01GS Datasheet
3Mb / 104P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS11TFI020 SPANSION-S29GL01GS11TFI020 Datasheet
3Mb / 104P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL128S10TFI010 SPANSION-S29GL128S10TFI010 Datasheet
3Mb / 104P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL512S11TFIV20 SPANSION-S29GL512S11TFIV20 Datasheet
3Mb / 104P
GL-S MirrorBit Eclipse Flash Non-Volatile Memory Fam
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
MirrorBit Flash Non-Volatile Memory
S29GL512S11DHI010 SPANSION-S29GL512S11DHI010 Datasheet
2Mb / 106P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL128S10DHIV10 SPANSION-S29GL128S10DHIV10 Datasheet
906Kb / 106P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com