Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MEE1S0303SC Datasheet (PDF) - Murata Power Solutions Inc.

MEE1S0303SC Datasheet PDF - Murata Power Solutions Inc.
Part # MEE1S0303SC
Download  MEE1S0303SC Download
File Size   291.24 Kbytes
Page   7 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated 1W Single Output DC/DC Converters

MEE1S0303SC Datasheet (PDF)

Go To PDF Page Download Datasheet
MEE1S0303SC Datasheet PDF - Murata Power Solutions Inc.

Part # MEE1S0303SC
Download  MEE1S0303SC Click to download

File Size   291.24 Kbytes
Page   7 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated 1W Single Output DC/DC Converters

MEE1S0303SC Datasheet (HTML) - Murata Power Solutions Inc.


MEE1S0303SC Product details

DESCRIPTION

The MEE1 series is the new high performance version of our 1W NME series. The MEE1 series is more efficient and offers improved regulation performance for applications where a wide output voltage variation can not be tolerated. They are ideally suited for providing local supplies on control system boards with the added benefit of 1kVDC galvanic isolation to reduce switching noise.



FEATURES

„■ UL60950 recognized

„■ Operation to zero load

„■ Single isolated output

„■ 1kVDC isolation

„■ Efficiency up to 87% typical

„■ Wide temperature performance at full 1 watt load, –40°C to 85°C

„■ Power density from 1.305W/cm3

„■ Industry standard pinout

„■ 3.3V, 5V, 12V, 15V & 24V input

„■ 3.3V, 5V, 9V, 12V and 15V output

„■ Custom solutions available

„■ Pin compatible with LME, NME, NKE & NML series

„■ PCB mounting




Similar Part No. - MEE1S0303SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MEE1S0303SC MURATA-PS-MEE1S0303SC Datasheet
406Kb / 16P
Isolated 1W Single Output DC-DC Converters
2023
More results


Similar Description - MEE1S0303SC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
Isolated 1W Single Output DC/DC Converters
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
Isolated 1W Single Output DC/DC Converters
B-XN1S MICRODC-B-XN1S Datasheet
497Kb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
1W Isolated Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
Isolated 1W Single Output Isolated DC-DC Converters
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com