Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM1117QS-3.3 Datasheet (PDF) - HTC Korea TAEJIN Technology Co.

LM1117QS-3.3 Datasheet PDF - HTC Korea TAEJIN Technology Co.
Part # LM1117QS-3.3
Download  LM1117QS-3.3 Download
File Size   302.33 Kbytes
Page   11 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 1A L.D.O VOLTAGE REGULATOR Qualified to AEC-Q100 Standard

LM1117QS-3.3 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1117QS-3.3 Datasheet PDF - HTC Korea TAEJIN Technology Co.

Part # LM1117QS-3.3
Download  LM1117QS-3.3 Click to download

File Size   302.33 Kbytes
Page   11 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 1A L.D.O VOLTAGE REGULATOR Qualified to AEC-Q100 Standard

LM1117QS-3.3 Datasheet (HTML) - HTC Korea TAEJIN Technology Co.


LM1117QS-3.3 Product details

DESCRIPSION
The LM1117Q is a low power positive-voltage regulator designed to meet 1A output current and comply with SCSI-II specifications with a fixed output voltage of 2.85V. This device is an excellent choice for use in battery powered applications, as active terminators for the SCSI bus, and portable computers. The LM1117Q features very low quiescent current and very low dropout voltage of 1V at a full load and lower as output current decreases. LM1117Q is available as an adjustable or fixed 1.2V, 1.5V, 1.8V, 2.5V, 2.85, 3.3V, and 5.0V output voltages. The LM1117Q is offered in a 3-pin surface mount package SOT-223. The output capacitor of 10㎌ or larger is needed for output stability of LM1117Q as required by most of the other regulator circuits.

FEATURES
● Qualified to AEC-Q100 Standard
● Output Current Up to 1A
● Low Dropout Voltage (1.2V at 1A Output current)
● Three Terminal Adjustable(ADJ) or Fixed 1.2V, 1.5V, 1.8V, 2.5V, 2.85V, 3.3V, 5.0V
● Line Regulation typically at 0.1% max.
● Load Regulation typically at 0.2% max.
● Internal Current and Terminal Protection
● Maximum Input Voltage 15V
● Surface Mount Package SOT-223
● 100% Thermal Limit Burn-In
● Moisture Sensitivity Level 3

APPLICATION
● Automotive




Similar Part No. - LM1117QS-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1117 NSC-LM1117 Datasheet
405Kb / 21P
800mA Low-Dropout Linear Regulator
logo
List of Unclassifed Man...
LM1117 ETC1-LM1117 Datasheet
108Kb / 8P
1A LOWDROP OUT VOLTAGE REGULATOR (ADJUSTABLE & FIXED)
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
logo
HTC Korea TAEJIN Techno...
LM1117 HTC-LM1117 Datasheet
385Kb / 12P
1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
More results


Similar Description - LM1117QS-3.3

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
AEC-Q100 Qualified
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
AEC-Q100 Qualified
logo
Murata Manufacturing Co...
935174736710-XXA MURATA1-935174736710-XXA Datasheet
235Kb / 2P
Qualified according to AEC-Q100
Last updated06/13/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com