Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GBL4005 Datasheet (PDF) - Yea Shin Technology Co., Ltd

GBL4005 Datasheet PDF - Yea Shin Technology Co., Ltd
Part # GBL4005
Download  GBL4005 Download
File Size   319.57 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER

GBL4005 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBL4005 Datasheet PDF - Yea Shin Technology Co., Ltd

Part # GBL4005
Download  GBL4005 Click to download

File Size   319.57 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER

GBL4005 Datasheet (HTML) - Yea Shin Technology Co., Ltd


GBL4005 Product details

FEATURES
• Plastic package has Underwriters Laboratory Flammability Classification 94V-0
• This series is UL listed under the Recognized Component Index, file number E54214
• Glass passivated chip junctions
• High case dielectric strength
• Typical IR less than 0.1mA
• High surge current capability
• Ideal for printed circuit boards
• High temperature soldering guaranteed: 260°C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
• High temperature soldering : 260OC / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS environment substance directive request




Similar Part No. - GBL4005

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
GBL4005 LRC-GBL4005 Datasheet
65Kb / 2P
Maximum Ratings & Thermal Characteristics Ratings at 25??ambient temperature unless otherwise specified.
logo
Shenzhen Luguang Electr...
GBL4005 LUGUANG-GBL4005 Datasheet
175Kb / 2P
Silicon Bridge Rectifiers
logo
Leshan Radio Company
GBL4005 LRC-GBL4005 Datasheet
303Kb / 4P
Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Formosa MS
GBL4005 FORMOSA-GBL4005 Datasheet
8Kb / 1P
FMS Kinter 131 6803 0058
logo
Diotech Company.
GBL4005 DIOTECH-GBL4005 Datasheet
789Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
More results


Similar Description - GBL4005

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G GE-2W005G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU4A GE-GBU4A Datasheet
88Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com