Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACPL-844-000E Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-844-000E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL-844-000E
Download  ACPL-844-000E Download
File Size   308.91 Kbytes
Page   9 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Multi-Channel Full-Pitch Phototransistor Optocoupler

ACPL-844-000E Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-844-000E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-844-000E
Download  ACPL-844-000E Click to download

File Size   308.91 Kbytes
Page   9 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Multi-Channel Full-Pitch Phototransistor Optocoupler

ACPL-844-000E Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPL-844-000E Product details

Description

The ACPL-824 is an AC-input dual channel full-pitch phototransistor optocoupler which contains four light emitting diode optically coupled to two separate phototransistor. It is packaged in a 8-pin DIP package.

Likewise, the ACPL-844 is an AC-input quad channel full pitch phototransistor optocoupler which contains eight light emitting diode optically coupled to four separate phototransistor. It is packaged in a 16-pin DIP package For both types, it is also available in wide-lead spacing option and lead bend SMD option with input-output isolation voltage at 5000 Vrms. Response time, tr, is typically 4 µs and CTR is 20% to 300%.



Features

• Current transfer ratio (CTR: min. 20% at IF = ±1mA, VCE = 5V)

• High input-output isolation voltage (VISO = 5,000VRMS)

• Response time (tr: typ. 4µs at VCE = 2V, IC = 2mA, RL= 100W)

• Compact dual-in-line package

• Safety and regulatory approvals

   - CSA

   - UL 1577

   - IEC/EN/DIN EN 60747-5-2

• Options available:

   – Leads with 0.4” (10.16 mm) spacing (W00)

   – Lead bend for surface mounting (300)

   – Tape and reel for SMD (500) – (ACPL-824 only)

   – IEC/EN/DIN EN 60747-5-2 approved (060)

   – Lead-Free (000E)

  

Applications

• I/O Interface for Programmable controllers, computers

• Sequence controllers

• System appliances, measuring instruments

• Signal transmission between circuits of different potentials and impedances.



 




Similar Part No. - ACPL-844-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-844 AVAGO-ACPL-844 Datasheet
308Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler
More results


Similar Description - ACPL-844-000E

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILD621 SIEMENS-ILD621 Datasheet
78Kb / 4P
MULTI-CHANNEL PHOTOTRANSISTOR OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-847-30GE AVAGO-ACPL-847-30GE Datasheet
476Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-227-500E AVAGO-ACPL-227-500E Datasheet
181Kb / 8P
DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-827 AVAGO-ACPL-827 Datasheet
476Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler Sequence controllers
ACPL-244-560E AVAGO-ACPL-244-560E Datasheet
179Kb / 8P
AC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-847-36GE AVAGO-ACPL-847-36GE Datasheet
476Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-847-00GE AVAGO-ACPL-847-00GE Datasheet
476Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-8X4 AVAGO-ACPL-8X4 Datasheet
308Kb / 9P
Multi-Channel Full-Pitch Phototransistor Optocoupler
logo
Broadcom Corporation.
ACPL-8X7 BOARDCOM-ACPL-8X7 Datasheet
800Kb / 12P
Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-224 BOARDCOM-ACPL-224 Datasheet
820Kb / 10P
AC Input, Multi-Channel Half-Pitch Phototransistor Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com