Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATTINY4-TS8R Datasheet (PDF) - ATMEL Corporation

ATTINY4-TS8R Datasheet PDF - ATMEL Corporation
Part # ATTINY4-TS8R
Download  ATTINY4-TS8R Download
File Size   4281.65 Kbytes
Page   170 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Atmel 8-bit AVR Microcontroller

ATTINY4-TS8R Datasheet (PDF)

Go To PDF Page Download Datasheet
ATTINY4-TS8R Datasheet PDF - ATMEL Corporation

Part # ATTINY4-TS8R
Download  ATTINY4-TS8R Click to download

File Size   4281.65 Kbytes
Page   170 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Atmel 8-bit AVR Microcontroller

ATTINY4-TS8R Datasheet (HTML) - ATMEL Corporation


ATTINY4-TS8R Product details

Introduction

The Atmel® ATtiny4/5/9/10 is a low-power CMOS 8-bit microcontroller based on the AVR® enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATtiny4/5/9/10 achieves throughputs close to 1 MIPS per MHz. This empowers system designer to optimize the device for power consumption versus processing speed.



Feature

• High Performance, Low Power AVR® 8-Bit Microcontroller

• Advanced RISC Architecture

   – 54 Powerful Instructions

   – Most Single Clock Cycle Execution

   – 16 x 8 General Purpose Working Registers

   – Fully Static Operation

   – Up to 12 MIPS Throughput at 12 MHz

• Non-volatile Program and Data Memories

   – 512/1024 Bytes of In-System Programmable Flash Program Memory

   – 32 Bytes Internal SRAM

   – Flash Write/Erase Cycles: 10,000

   – Data Retention: 20 Years at 85°C / 100 Years at 25°C

• Peripheral Features

   – QTouch® Library Support for Capacitive Touch Sensing (1 Channel)

   – One 16-bit Timer/Counter with Prescaler and Two PWM Channels

   – Programmable Watchdog Timer with Separate On-chip Oscillator

   – 4-channel, 8-bit Analog to Digital Converter (ATtiny5/10, only)

   – On-chip Analog Comparator

• Special Microcontroller Features

   – In-System Programmable (at 5V, only)

   – External and Internal Interrupt Sources

   – Low Power Idle, ADC Noise Reduction, and Power-down Modes

   – Enhanced Power-on Reset Circuit

   – Programmable Supply Voltage Level Monitor with Interrupt and Reset

   – Internal Calibrated Oscillator

• I/O and Packages

   – Four Programmable I/O Lines

   – 6-pin SOT and 8-pad UDFN

• Operating Voltage:

   – 1.8 - 5.5V

• Programming Voltage:

   - 5V

• Speed Grade:

   – 0 - 4 MHz @ 1.8 - 5.5V

   – 0 - 8 MHz @ 2.7 - 5.5V

   – 0 - 12 MHz @ 4.5 - 5.5V

• Industrial and Extended Temperature Ranges

• Low Power Consumption

   – Active Mode:

      • 200μA at 1MHz and 1.8V

     Idle Mode:

      • 25μA at 1MHz and 1.8V

   – Power-down Mode:

      • <0.1μA at 1.8V



 




Similar Part No. - ATTINY4-TS8R

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATtiny4-TSHR ATMEL-ATtiny4-TSHR Datasheet
4Mb / 168P
8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
More results


Similar Description - ATTINY4-TS8R

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
32-bit Atmel AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
32-bit Atmel AVR Microcontroller
ATMEGA48PB ATMEL-ATMEGA48PB_14 Datasheet
934Kb / 23P
Atmel AVR 8-bit Microcontroller with 4/8/16KBytes
ATTINY4 ATMEL-ATTINY4_14 Datasheet
4Mb / 170P
Atmel 8-bit AVR Microcontroller
ATTINY5 ATMEL-ATTINY5_14 Datasheet
4Mb / 170P
Atmel 8-bit AVR Microcontroller
ATTINY9 ATMEL-ATTINY9_14 Datasheet
4Mb / 170P
Atmel 8-bit AVR Microcontroller
ATTINY10 ATMEL-ATTINY10_14 Datasheet
4Mb / 170P
Atmel 8-bit AVR Microcontroller
ATXMEGA64D3 ATMEL-ATXMEGA64D3_14 Datasheet
3Mb / 86P
8/16-bit Atmel AVR XMEGA D3 Microcontroller
ATTINY25 ATMEL-ATTINY25_13 Datasheet
2Mb / 234P
Atmel 8-bit AVR Microcontroller
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com