Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMAJ5913DE3 Datasheet (PDF) - Microsemi Corporation

SMAJ5913DE3 Datasheet PDF - Microsemi Corporation
Part # SMAJ5913DE3
Download  SMAJ5913DE3 Download
File Size   473.63 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Silicon 3.0 Watt Zener Diode

SMAJ5913DE3 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMAJ5913DE3 Datasheet PDF - Microsemi Corporation

Part # SMAJ5913DE3
Download  SMAJ5913DE3 Click to download

File Size   473.63 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Silicon 3.0 Watt Zener Diode

SMAJ5913DE3 Datasheet (HTML) - Microsemi Corporation


SMAJ5913DE3 Product details

DESCRIPTION
The SMAJ5913Be3 – SMAJ5956Be3 series of surface mount 3.0 watt Zeners provides voltage regulation in a selection from 3.3 to 200 volts with different tolerances as identified by suffix letter on the part number. It is equivalent to the JEDEC registered 1N5913B through 1N5956B series with identical electrical characteristics except it is rated at 3.0 W instead of 1.5 W with the lower thermal resistance features of this surface mount packaging. These plastic encapsulated Zeners have a moisture classification of Level 1 with no dry pack required. .

FEATURES
• Ideal for high-density and low-profile mounting.
• Zener voltage available 3.3V to 200V.
• Available voltage tolerances are 10%, 5%, 2%, and 1%.
• RoHS compliant.

APPLICATIONS / BENEFITS
• Regulates voltage over a broad range of current and temperature.
• Nonsensitive to ESD per MIL-STD-750 method 1020.
• High specified maximum current (IZM) with adequately heat sinking.
• Moisture classification is Level 1 with no dry pack required per IPC/JEDEC J-STD-020B.




Similar Part No. - SMAJ5913DE3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMAJ5913 MICROSEMI-SMAJ5913 Datasheet
168Kb / 2P
SILICON 3.0 WATT ZENER DIODES
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
logo
Microsemi Corporation
SMAJ5913B MICROSEMI-SMAJ5913B Datasheet
168Kb / 2P
SILICON 3.0 WATT ZENER DIODES
logo
Micro Commercial Compon...
SMAJ5913B MCC-SMAJ5913B Datasheet
486Kb / 5P
1.5 Watt Zener Diode 3.3 to 51 Volts
logo
Galaxy Semi-Conductor H...
SMAJ5913B BILIN-SMAJ5913B Datasheet
153Kb / 4P
Surface mount zener diode
More results


Similar Description - SMAJ5913DE3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJ5913 MCC-SMBJ5913 Datasheet
353Kb / 2P
Silicon Zener Diode 3.0 Watt
logo
Microsemi Corporation
SMAJ5913B MICROSEMI-SMAJ5913B Datasheet
168Kb / 2P
SILICON 3.0 WATT ZENER DIODES
logo
Frontier Electronics.
1N5333B FRONTIER-1N5333B Datasheet
138Kb / 4P
5 WATT SILICON ZENER DIODE
1N5342B FRONTIER-1N5342B Datasheet
135Kb / 3P
5 WATT SILICON ZENER DIODE
1N5342B-LFR FRONTIER-1N5342B-LFR Datasheet
135Kb / 3P
5 WATT SILICON ZENER DIODE
logo
Micro Commercial Compon...
1N5913B3P MCC-1N5913B3P_13 Datasheet
519Kb / 5P
3.0 Watt Zener Diode 3.3to 200 Volts
3SMAJ5930B-TP MCC-3SMAJ5930B-TP Datasheet
266Kb / 4P
3.0 Watt Surface Mount Silicon Zener Diodes
1N5913B3P MCC-1N5913B3P_18 Datasheet
490Kb / 5P
3.0 Watt Zener Diode 3.3to 4.7 Volts
3SMAJ5913B MCC-3SMAJ5913B_18 Datasheet
329Kb / 4P
3.0 Watt Surface Mount Silicon Zener Diodes
SMA5C5V1 MCC-SMA5C5V1 Datasheet
281Kb / 3P
3.0 Watt Surface Mount Silicon Zener Diodes
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com