Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AO4452 Datasheet (PDF) - shenzhen wanhexing Electronics Co.,Ltd

AO4452 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd
Part # AO4452
Download  AO4452 Download
File Size   2622.13 Kbytes
Page   6 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 100V N-Channel MOSFET

AO4452 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4452 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4452
Download  AO4452 Click to download

File Size   2622.13 Kbytes
Page   6 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 100V N-Channel MOSFET

AO4452 Datasheet (HTML) - shenzhen wanhexing Electronics Co.,Ltd


AO4452 Product details

General Description
The AO4452 is fabricated with SDMOSTM trench technology that combines excellent RDS(ON) with low gate charge.The result is outstanding efficiency with controlled switching behavior. This universal technology is well suited for PWM, load switching and general purpose applications.
   
Product Summary
    VDS                                     100V
    ID (at VGS=10V)                     8A
    RDS(ON) (at VGS=10V) < 25mΩ
    RDS(ON) (at VGS = 7V) < 31mΩ
   
    100% UIS Tested
    100% Rg Tested
   




Similar Part No. - AO4452

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4452 AOSMD-AO4452 Datasheet
439Kb / 6P
100V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4452 KEXIN-AO4452 Datasheet
1Mb / 5P
N-Channel MOSFET
AO4452-HF KEXIN-AO4452-HF Datasheet
2Mb / 5P
N-Channel MOSFET
More results


Similar Description - AO4452

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
AOB410L AOSMD-AOB410L Datasheet
319Kb / 7P
100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
100V N-Channel MOSFET
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
100V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com