Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AO4468 Datasheet (PDF) - shenzhen wanhexing Electronics Co.,Ltd

AO4468 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd
Part # AO4468
Download  AO4468 Download
File Size   2191.7 Kbytes
Page   5 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 30V N-Channel MOSFET

AO4468 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4468 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4468
Download  AO4468 Click to download

File Size   2191.7 Kbytes
Page   5 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 30V N-Channel MOSFET

AO4468 Datasheet (HTML) - shenzhen wanhexing Electronics Co.,Ltd


AO4468 Product details

General Description
The AO4468 combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON). This device is ideal for load switch and battery protection applications.

Product Summary
   VDS                                        30V
   ID (at VGS=10V)                    10.5A
   RDS(ON) (at VGS=10V)         < 17mΩ
   RDS(ON) (at VGS = 4.5V)      < 23mΩ

   ESD Protected
   100% UIS Tested
   100% Rg Tested




Similar Part No. - AO4468

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4468 AOSMD-AO4468 Datasheet
147Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
AO4468 AOSMD-AO4468 Datasheet
255Kb / 5P
30V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4468 KEXIN-AO4468 Datasheet
1Mb / 4P
N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4468 VBSEMI-AO4468 Datasheet
1,006Kb / 9P
N-Channel 20V (D-S) MOSFET
logo
Guangdong Youtai Semico...
AO4468 UMW-AO4468 Datasheet
358Kb / 7P
30V N-Channel MOSFET
More results


Similar Description - AO4468

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com