Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RGP02-12E-E3/54 Datasheet (PDF) - Vishay Siliconix

RGP02-12E-E3/54 Datasheet PDF - Vishay Siliconix
Part # RGP02-12E-E3/54
Download  RGP02-12E-E3/54 Download
File Size   77.97 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated Junction Fast Switching Rectifier

RGP02-12E-E3/54 Datasheet (PDF)

Go To PDF Page Download Datasheet
RGP02-12E-E3/54 Datasheet PDF - Vishay Siliconix

Part # RGP02-12E-E3/54
Download  RGP02-12E-E3/54 Click to download

File Size   77.97 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated Junction Fast Switching Rectifier

RGP02-12E-E3/54 Datasheet (HTML) - Vishay Siliconix


RGP02-12E-E3/54 Product details

FEATURES
• Superectifier structure for high reliability condition
• Cavity-free glass-passivated junction
• Fast switching for high efficiency
• Low leakage current, typical IR less than 0.2 μA
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106

TYPICAL APPLICATIONS
    High voltage rectification of G2 grid CRT and TV, snubber circuit of camera flash.




Similar Part No. - RGP02-12E-E3/54

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RGP02-12E VISHAY-RGP02-12E Datasheet
29Kb / 2P
Glass Passivated Junction Fast Switching Rectifier
16-Jan-03
logo
EIC discrete Semiconduc...
RGP02-12E EIC-RGP02-12E Datasheet
19Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
General Semiconductor
RGP02-12E GE-RGP02-12E Datasheet
60Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RGP02-12E VISHAY-RGP02-12E Datasheet
82Kb / 2P
Glass Passivated Junction Fast Switching Rectifier
08-Apr-04
logo
First Components Intern...
RGP02-12E FCI-RGP02-12E Datasheet
122Kb / 2P
0.5 Amp FAST SWITCHING MEGARECTIFIERS
More results


Similar Description - RGP02-12E-E3/54

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4942 GE-1N4942 Datasheet
51Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
GI810 GE-GI810 Datasheet
63Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
RGP02-12E GE-RGP02-12E Datasheet
60Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
GOOD-ARK Electronics
1N4942G GOOD-ARK-1N4942G Datasheet
156Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
FR601G GOOD-ARK-FR601G Datasheet
195Kb / 3P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
1N4933GP VISHAY-1N4933GP Datasheet
76Kb / 4P
Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
GI810 VISHAY-GI810 Datasheet
75Kb / 4P
Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
RGP20A VISHAY-RGP20A Datasheet
81Kb / 4P
Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
RGP25A VISHAY-RGP25A Datasheet
75Kb / 4P
Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
logo
Shenzhen Taychipst Elec...
PG200R TAYCHIPST-PG200R Datasheet
4Mb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com