Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AK93C85AM Datasheet (PDF) - Asahi Kasei Microsystems

AK93C85AM Datasheet PDF - Asahi Kasei Microsystems
Part # AK93C85AM
Download  AK93C85AM Download
File Size   156.47 Kbytes
Page   13 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 16K / 32K / 64KBIT SERIAL CMOS EEPROM

AK93C85AM Datasheet (PDF)

Go To PDF Page Download Datasheet
AK93C85AM Datasheet PDF - Asahi Kasei Microsystems

Part # AK93C85AM
Download  AK93C85AM Click to download

File Size   156.47 Kbytes
Page   13 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 16K / 32K / 64KBIT SERIAL CMOS EEPROM

AK93C85AM Datasheet (HTML) - Asahi Kasei Microsystems


AK93C85AM Product details

General Description
The AK93C85A/95A/10A is a 16384/32768/65536-bit serial CMOS EEPROM divided into 1024/2048/4096 registers of 16 bits each. The AK93C85A/95A/10A has 4 instructions such as READ, WRITE, EWEN and EWDS. Those instructions control the AK93C85A/95A/10A.
   
Features
□ ADVANCED CMOS EEPROM TECHNOLOGY
□ READ/WRITE NON-VOLATILE MEMORY
□ WIDE VCC OPERATION . . . Vcc = 1.8V  ~ 5.5V
□ AK93C85A . . . 16384 bits, 1024 x 16 organization
    AK93C95A . . . 32768 bits, 2048 x 16 organization
    AK93C10A . . . 65536 bits, 4096 x 16 organization
□ SERIAL INTERFACE
    - Interfaces with popular microcontrollers and standard microprocessors
□ LOW POWER CONSUMPTION
    - 0.4mA max. Read Operation
    - 0.8μA Max. Standby
□ HIGH RELIABILITY
    -Endurance        : 100K cycles
    -Data Retention : 10 years
□ Automatic address increment (READ)
□ Automatic write cycle time-out with auto-ERASE (Max. 8ms : VCC=4.5V ~  5.5V)
□ Busy/Ready status signal
□ Software controlled write protection
□ IDEAL FOR LOW DENSITY DATA STORAGE
    - Low cost, space saving, 8-pin package
   




Similar Part No. - AK93C85AM

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C85AM AKM-AK93C85AM Datasheet
118Kb / 13P
16K / 32K / 64Kbit Serial CMOS EEPROM
More results


Similar Description - AK93C85AM

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC16 HOLTEK-HT24LC16 Datasheet
171Kb / 11P
CMOS 16K 2-Wire Serial EEPROM
November 25, 2003
logo
Asahi Kasei Microsystem...
AK6010A AKM-AK6010A Datasheet
165Kb / 15P
I2C bus 32K / 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C Datasheet
108Kb / 17P
SPI bus 32K/64Kbit Serial CMOS EEPROM
AK6512CA AKM-AK6512CA Datasheet
130Kb / 17P
SPI bus 64Kbit Serial CMOS EEPROM
AK6514C AKM-AK6514C Datasheet
131Kb / 18P
SPI bus 64Kbit Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C08 CATALYST-CAT25C08_06 Datasheet
950Kb / 16P
8K/16K SPI Serial CMOS EEPROM
logo
Asahi Kasei Microsystem...
AK93C85A AKM-AK93C85A_04 Datasheet
118Kb / 13P
16K / 32K / 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C_05 Datasheet
135Kb / 18P
SPI bus 64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25LA642CS SANYO-LE25LA642CS Datasheet
369Kb / 14P
64Kbit Serial SPI EEPROM
logo
Holtek Semiconductor In...
HT93LC86 HOLTEK-HT93LC86_09 Datasheet
103Kb / 12P
CMOS 16K 3-Wire Serial EEPROM
July 10, 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com