Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N7002T Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

2N7002T Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # 2N7002T
Download  2N7002T Download
File Size   196.81 Kbytes
Page   2 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description MOSFET ( N-Channel )

2N7002T Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002T Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # 2N7002T
Download  2N7002T Click to download

File Size   196.81 Kbytes
Page   2 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description MOSFET ( N-Channel )

2N7002T Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD


2N7002T Product details

FEATURES
   Power dissipation
      PD: 0.15 W (Tamb=25℃)
   Collector current
      ID: 115 mA
   Collector-base voltage
      VDS: 60 V
   Operating and storage junction temperature range
      TJ,Tstg: -55℃ to +150℃




Similar Part No. - 2N7002T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2N7002T DIODES-2N7002T Datasheet
85Kb / 3P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30301 Rev. 2 - 2
2N7002T DIODES-2N7002T Datasheet
447Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30301 Rev. 8 - 2
logo
Galaxy Semi-Conductor H...
2N7002T BILIN-2N7002T Datasheet
189Kb / 4P
Small Signal MOSFET Transistor
logo
TRANSYS Electronics Lim...
2N7002T TEL-2N7002T Datasheet
156Kb / 2P
Plastic-Encapsulated Transistors
logo
Fairchild Semiconductor
2N7002T FAIRCHILD-2N7002T Datasheet
333Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
More results


Similar Description - 2N7002T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com