Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBTA42LT1 Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

MMBTA42LT1 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # MMBTA42LT1
Download  MMBTA42LT1 Download
File Size   163.63 Kbytes
Page   2 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description NPN EPITAXIAL SILICON TRANSISTOR

MMBTA42LT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBTA42LT1 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # MMBTA42LT1
Download  MMBTA42LT1 Click to download

File Size   163.63 Kbytes
Page   2 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description NPN EPITAXIAL SILICON TRANSISTOR

MMBTA42LT1 Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD


MMBTA42LT1 Product details

HIGH VOLTGE TRANDIDTOR

• Complement to MMBTA92LT1
• High Collector-Emitter Voltage:Vcbo=300V
• Collector current:Ic=500mA
• Collector Dissipation:Pc=225mW(Ta=25 °C)




Similar Part No. - MMBTA42LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBTA42LT1 MOTOROLA-MMBTA42LT1 Datasheet
152Kb / 6P
High Voltage Transistors
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1 Datasheet
99Kb / 4P
High Voltage Transistors(NPN Silicon)
November, 2003 ??Rev. 5
logo
Leshan Radio Company
MMBTA42LT1 LRC-MMBTA42LT1 Datasheet
102Kb / 3P
High Voltage Transistors(NPN Silicon)
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1 Datasheet
54Kb / 4P
High Voltage Transistors
November, 2003 ??Rev. 5
MMBTA42LT1 ONSEMI-MMBTA42LT1 Datasheet
60Kb / 8P
High Voltage Transistor NPN Silicon
June, 2001 ??Rev. 3
More results


Similar Description - MMBTA42LT1

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com