Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MT48LC4M32B2P-7 Datasheet (PDF) - Micron Technology

MT48LC4M32B2P-7 Datasheet PDF - Micron Technology
Part # MT48LC4M32B2P-7
Download  MT48LC4M32B2P-7 Download
File Size   4594.85 Kbytes
Page   80 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description SDR SDRAM MT48LC4M32B2 ??1 Meg x 32 x 4 Banks

MT48LC4M32B2P-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT48LC4M32B2P-7 Datasheet PDF - Micron Technology

Part # MT48LC4M32B2P-7
Download  MT48LC4M32B2P-7 Click to download

File Size   4594.85 Kbytes
Page   80 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description SDR SDRAM MT48LC4M32B2 ??1 Meg x 32 x 4 Banks

MT48LC4M32B2P-7 Datasheet (HTML) - Micron Technology


MT48LC4M32B2P-7 Product details

Features

• PC100-compliant

• Fully synchronous; all signals registered on positive edge of system clock

• Internal pipelined operation; column address can be changed every clock cycle

• Internal banks for hiding row access/precharge

• Programmable burst lengths: 1, 2, 4, 8, or full page

• Auto precharge, includes concurrent auto precharge and auto refresh modes

• Self refresh mode (not available on AT devices)

• Auto refresh

– 64ms, 4096-cycle refresh (commercial and industrial)

– 16ms, 4096-cycle refresh (automotive)

• LVTTL-compatible inputs and outputs

• Single 3.3V ±0.3V power supply

• Supports CAS latency (CL) of 1, 2, and 3




Similar Part No. - MT48LC4M32B2P-7

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC4M32B2P-6G MICRON-MT48LC4M32B2P-6G Datasheet
3Mb / 79P
SDR SDRAM
More results


Similar Description - MT48LC4M32B2P-7

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
72SD3232 MAXWELL-72SD3232 Datasheet
596Kb / 41P
1 Gbit SDRAM 32-Meg X 32-Bit X 4-Banks
97SD3232 MAXWELL-97SD3232 Datasheet
764Kb / 39P
1 Gb SDRAM 8-Meg X 32 Bit X 4-Banks
logo
Micron Technology
MT46H16M16LFBF-6ITH MICRON-MT46H16M16LFBF-6ITH Datasheet
3Mb / 79P
Mobile DDR SDRAM MT46H16M16LF ??4 Meg x 16 x 4 banks MT46H8M32LF/LG ??2 Meg x 32 x 4 banks
MT47H64M8CF-25EG MICRON-MT47H64M8CF-25EG Datasheet
9Mb / 132P
DDR2 SDRAM MT47H128M4 ??32 Meg x 4 x 4 banks MT47H64M8 ??16 Meg x 8 x 4 banks MT47H32M16 ??8 Meg x 16 x 4 banks
MT48LC4M16A2P-75G MICRON-MT48LC4M16A2P-75G Datasheet
3Mb / 83P
SDR SDRAM MT48LC16M4A2 ??4 Meg x 4 x 4 Banks MT48LC8M8A2 ??2 Meg x 8 x 4 Banks MT48LC4M16A2 ??1 Meg x 16 x 4 Banks
MT48LC16M16A2P-75DTR MICRON-MT48LC16M16A2P-75DTR Datasheet
3Mb / 86P
SDR SDRAM MT48LC64M4A2 ??16 Meg x 4 x 4 banks MT48LC32M8A2 ??8 Meg x 8 x 4 banks MT48LC16M16A2 ??4 Meg x 16 x 4 banks
MT48LC32M16A2P-75ITC MICRON-MT48LC32M16A2P-75ITC Datasheet
3Mb / 77P
SDR SDRAM MT48LC128M4A2 ??32 Meg x 4 x 4 banks MT48LC64M8A2 ??16 Meg x 8 x 4 banks MT48LC32M16A2 ??8 Meg x 16 x 4 banks
MT48LC4M32B2B5-6G MICRON-MT48LC4M32B2B5-6G Datasheet
3Mb / 79P
128Mb: x32 SDRAM MT48LC4M32B2 ??1 Meg x 32 x 4 Banks
MT48LC2M32B2TG-7ITG MICRON-MT48LC2M32B2TG-7ITG Datasheet
3Mb / 80P
SDR SDRAM MT48LC2M32B2 ??512K x 32 x 4 Banks
logo
Alliance Semiconductor ...
MT48LC4M32B2TG-6A ALSC-MT48LC4M32B2TG-6A Datasheet
3Mb / 79P
MT48LC4M32B2 ??1 Meg x 32 x 4 Banks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com