Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18LF8627IPTSQTP Datasheet (PDF) - Microchip Technology

PIC18LF8627IPTSQTP Datasheet PDF - Microchip Technology
Part # PIC18LF8627IPTSQTP
Download  PIC18LF8627IPTSQTP Download
File Size   7372.1 Kbytes
Page   446 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology

PIC18LF8627IPTSQTP Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC18LF8627IPTSQTP Datasheet PDF - Microchip Technology

Part # PIC18LF8627IPTSQTP
Download  PIC18LF8627IPTSQTP Click to download

File Size   7372.1 Kbytes
Page   446 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology

PIC18LF8627IPTSQTP Datasheet (HTML) - Microchip Technology


PIC18LF8627IPTSQTP Product details

Peripheral Highlights:

• Two Master Synchronous Serial Port (MSSP) modules supporting 2/3/4-wire SPI™ (all 4 modes) and I2C™ Master and Slave modes

• Two Capture/Compare/PWM (CCP) modules

• Three Enhanced Capture/Compare/PWM (ECCP) modules:

- One, two or four PWM outputs

- Selectable polarity

- Programmable dead time

- Auto-Shutdown and Auto-Restart

• Two Enhanced Addressable USART modules:

- Supports RS-485, RS-232 and LIN 1.2

- Auto-Wake-up on Start bit

- Auto-Baud Detect

• 10-bit, up to 16-channel Analog-to-Digital Converter module (A/D)

- Auto-acquisition capability

- Conversion available during Sleep

• Dual analog comparators with input multiplexing

• High-current sink/source 25 mA/25 mA

• Four programmable external interrupts

• Four input change interrupts




Similar Part No. - PIC18LF8627IPTSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18LF8627IPTSQTP MICROCHIP-PIC18LF8627IPTSQTP Datasheet
7Mb / 448P
64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology
2004
More results


Similar Description - PIC18LF8627IPTSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F6627 MICROCHIP-PIC18F6627 Datasheet
7Mb / 444P
64/80-Pin 1-Mbit Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F6625 MICROCHIP-PIC18F6625 Datasheet
143Kb / 6P
64/80-Pin High-Performance, 1-Mbit Enhanced Flash Microcontrollers with A/D and nanoWatt Technology
2004
PIC18F87J10 MICROCHIP-PIC18F87J10 Datasheet
3Mb / 394P
64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
PIC18F87J11 MICROCHIP-PIC18F87J11 Datasheet
7Mb / 448P
64/80-Pin High-Performance,1-Mbit Flash Microcontrollers with nanoWatt Technology
2007
PIC18F8722 MICROCHIP-PIC18F8722_1 Datasheet
7Mb / 448P
64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology
2004
PIC18F8722 MICROCHIP-PIC18F8722_08 Datasheet
7Mb / 446P
64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
PIC18F87J10 MICROCHIP-PIC18F87J10_09 Datasheet
6Mb / 410P
64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
PIC18F87K22 MICROCHIP-PIC18F87K22 Datasheet
4Mb / 548P
64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt XLP Technology
2010
PIC18F8723 MICROCHIP-PIC18F8723 Datasheet
1Mb / 60P
64/80-Pin, 1-Mbit,Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt Technology
2007
PIC18F67J11-IPT MICROCHIP-PIC18F67J11-IPT Datasheet
7Mb / 448P
64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
03/26/09
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com