Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AQV221AZ Datasheet (PDF) - Panasonic Semiconductor

AQV221AZ Datasheet PDF - Panasonic Semiconductor
Part # AQV221AZ
Download  AQV221AZ Download
File Size   84.84 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description DIP6-pin type suited for radio frequent switching

AQV221AZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AQV221AZ Datasheet PDF - Panasonic Semiconductor

Part # AQV221AZ
Download  AQV221AZ Click to download

File Size   84.84 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description DIP6-pin type suited for radio frequent switching

AQV221AZ Datasheet (HTML) - Panasonic Semiconductor


AQV221AZ Product details

PhotoMOS RF 1 Form A DIP6-pin type suited for radio frequent switching



FEATURES

1. High frequency characteristics with low capacitance between output terminals

   Low output capacitance: typ. 4.8 pF

   Isolation loss: 40 dB or more (at 1 MHz)(AQV225)

2. High speed switching

   Turn on time: typ. 0.1 ms

   Turn off time: typ. 0.03 ms

3. Low-level off state leakage current of typ. 0.03 nA

4. Controls low-level analog signals

   PhotoMOS features extremely low closed-circuit offset voltages to enable control of small analog signals without distortion.



TYPICAL APPLICATIONS

1. Measuring instruments

    Scanner, IC checker, Board tester, etc.

2. Audio visual equipment

   CD, VCR

3. Security equipment




Similar Part No. - AQV221AZ

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQV221 NAIS-AQV221 Datasheet
55Kb / 4P
RF (Radio Frequency) Type Low C and R
AQV221N NAIS-AQV221N Datasheet
55Kb / 4P
RF (Radio Frequency) Type Low C and R
AQV221NA NAIS-AQV221NA Datasheet
55Kb / 4P
RF (Radio Frequency) Type Low C and R
AQV221NAX NAIS-AQV221NAX Datasheet
55Kb / 4P
RF (Radio Frequency) Type Low C and R
AQV221NAZ NAIS-AQV221NAZ Datasheet
55Kb / 4P
RF (Radio Frequency) Type Low C and R
More results


Similar Description - AQV221AZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQV210E PANASONIC-AQV210E Datasheet
85Kb / 4P
High cost-performance DIP6-pin type, reinforced insulation available Computers
AQV227N PANASONIC-AQV227N Datasheet
91Kb / 5P
DIP6-pin type featuring low on-resistance with 200V/400V load voltage
logo
MAKO SEMICONDUCTOR CO.,...
BC807-16 MAKOSEMI-BC807-16 Datasheet
113Kb / 2P
Ldeally suited for automatic insertion
logo
Nanjing International G...
BC847 DGNJDZ-BC847 Datasheet
228Kb / 3P
Ideally suited for automatic insertion
logo
DIYI Electronic Technol...
S14L DYELEC-S14L Datasheet
1Mb / 2P
Ideally Suited for Automatic Assembly
S32U DYELEC-S32U Datasheet
1Mb / 2P
Ideally Suited for Automatic Assembly
logo
TT Electronics.
PWP TTELEC-PWP Datasheet
2Mb / 3P
Ideally suited for medical applications
logo
Toshiba Semiconductor
TLP797GA TOSHIBA-TLP797GA Datasheet
66Kb / 4P
6 pin DIP (DIP6)
logo
SHIKUES Electronics
BC846S SKTECHNOLGY-BC846S Datasheet
510Kb / 2P
Ideally Suited for Automatic Insertion for Switching and AF Amplifier Apllication
BC847BS SKTECHNOLGY-BC847BS Datasheet
601Kb / 2P
Ideally Suited for Automatic Insertion for Switching and AF Amplifier Apllication
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com